công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST39VF010 bảng dữ liệu(PDF) 12 Page - Microchip Technology

tên linh kiện SST39VF010
Giải thích chi tiết về linh kiện  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF010 bảng dữ liệu(HTML) 12 Page - Microchip Technology

Back Button SST39VF010 Datasheet HTML 8Page - Microchip Technology SST39VF010 Datasheet HTML 9Page - Microchip Technology SST39VF010 Datasheet HTML 10Page - Microchip Technology SST39VF010 Datasheet HTML 11Page - Microchip Technology SST39VF010 Datasheet HTML 12Page - Microchip Technology SST39VF010 Datasheet HTML 13Page - Microchip Technology SST39VF010 Datasheet HTML 14Page - Microchip Technology SST39VF010 Datasheet HTML 15Page - Microchip Technology SST39VF010 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
©2012 Silicon Storage Technology, Inc.
DS25023B
06/13
12
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39LF010 / SST39LF020 / SST39LF040
SST39VF010 / SST39VF020 / SST39VF040
Data Sheet
Table 8: DC Operating Characteristics -VDD = 3.0-3.6V for SST39LF010/020/040 and 2.7-
3.6V for SST39VF010/020/0401
Symbol
Parameter
Limits
Test Conditions
Min
Max
Units
IDD
Power Supply Current
Address input=VILT/VIHT, at f=1/TRC Min
VDD=VDD Max
Read2
20
mA
CE#=VIL, OE#=WE#=VIH, all I/Os open
Program and Erase3
30
mA
CE#=WE#=VIL, OE#=VIH
ISB
Standby VDD Current
15
µA
CE#=VIHC, VDD=VDD Max
ILI
Input Leakage Current
1
µA
VIN=GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
10
µA
VOUT=GND to VDD, VDD=VDD Max
VIL
Input Low Voltage
0.8
V
VDD=VDD Min
VIH
Input High Voltage
0.7VDD
VVDD=VDD Max
VIHC
Input High Voltage (CMOS)
VDD-0.3
V
VDD=VDD Max
VOL
Output Low Voltage
0.2
V
IOL=100 µA, VDD=VDD Min
VOH
Output High Voltage
VDD-0.2
V
IOH=-100 µA, VDD=VDD Min
T8.7 25023
1. Typical conditions for the Active Current shown on the front data sheet page are average values at 25°C
(room temperature), and VDD = 3V for VF devices. Not 100% tested.
2. Values are for 70 ns conditions. See the Multi-Purpose Flash Power Rating application note for further information.
3. 30 mA max for Erase operations in the industrial temperature range.
Table 9: Recommended System Power-up Timings
Symbol
Parameter
Minimum
Units
TPU-READ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this
parameter.
Power-up to Read Operation
100
µs
TPU-WRITE1
Power-up to Program/Erase Operation
100
µs
T9.1 25023
Table 10: Capacitance (Ta = 25°C, f=1 Mhz, other pins open)
Parameter
Description
Test Condition
Maximum
CI/O1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this
parameter.
I/O Pin Capacitance
VI/O = 0V
12 pF
CIN1
Input Capacitance
VIN = 0V
6 pF
T10.0 25023
Table 11: Reliability Characteristics
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND1,2
1. This parameter is measured only for initial qualification and after a design or process change that could affect this
parameter.
2. NEND endurance rating is qualified as a 10,000 cycle minimum for the whole device. A sector- or block-level rating
would result in a higher minimum specification.
Endurance
10,000
Cycles
JEDEC Standard A117
TDR1
Data Retention
100
Years
JEDEC Standard A103
ILTH1
Latch Up
100 + IDD
mA
JEDEC Standard 78
T11.3 25023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com