công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP34X2G bảng dữ liệu(PDF) 17 Page - Micronas

tên linh kiện MSP34X2G
Giải thích chi tiết về linh kiện  Multistandard Sound Processor Family with Dolby Surround Pro Logic
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONAS [Micronas]
Trang chủ  http://www.micronas.com
Logo MICRONAS - Micronas

MSP34X2G bảng dữ liệu(HTML) 17 Page - Micronas

Back Button MSP34X2G Datasheet HTML 13Page - Micronas MSP34X2G Datasheet HTML 14Page - Micronas MSP34X2G Datasheet HTML 15Page - Micronas MSP34X2G Datasheet HTML 16Page - Micronas MSP34X2G Datasheet HTML 17Page - Micronas MSP34X2G Datasheet HTML 18Page - Micronas MSP34X2G Datasheet HTML 19Page - Micronas MSP34X2G Datasheet HTML 20Page - Micronas MSP34X2G Datasheet HTML 21Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 104 page
background image
PRELIMINARY DATA SHEET
MSP 34x2G
Micronas
17
2.6.3. Examples
Table 2–3 shows some examples of how these modes
can be used to configure the IC. The list is not
intended to be complete, more modes are possible.
Table 2–3: Examples of Surround Configurations
Configurations
Speaker
Config-
uration1)
Output Configuration
Register (48hex)
Surround Processing Mode
Register (4Bhex)
HP/CS
Switch
[15]
Channel
Configuration
[14:8]
Decoder
Matrix
[15:8]
Surround
Reproduction
[7:4]
Center
Mode
[3:0]
Stereo IC is compatible to the MSP34x0G.
Stereo
(L,R)
HP
STEREO
−−
−
Surround Modes as defined by Dolby Laboratories 2)
Dolby Surround Pro Logic
(L,C,R,S)
CS
MULTI_CHANNEL
ADAPTIVE
REAR_
SPEAKER
NORMAL
WIDE
(L,R,S)
CS
MULTI_CHANNEL
ADAPTIVE
REAR_
SPEAKER
PHANTOM
Dolby 3 Stereo
(L,C,R)
CS
MULTI_CHANNEL
ADAPTIVE
FRONT_
SPEAKER
NORMAL
WIDE
Virtual Dolby Surround
(L,R)
HP
TWO_CHANNEL
ADAPTIVE
3D_PANORAMA
PHANTOM
Surround Modes that use the Dolby Pro Logic Matrix2)
3-Channel Virtual Surround
(L,C,R)
CS
MULTI_CHANNEL
ADAPTIVE
3D_PANORAMA
NORMAL
WIDE
Passive Matrix Surround Sound
4-Channel Surround
(L,C,R,S)
CS
MULTI_CHANNEL
PASSIVE
REAR_
SPEAKER
NORMAL
WIDE
3-Channel Surround
(L,R,S)
CS
MULTI_CHANNEL
PASSIVE
REAR_
SPEAKER
OFF
2-Channel Micronas Perfect 3D Sound
(L,R)
HP
TWO_CHANNEL
PASSIVE
3D_PANORAMA
OFF
3-Channel Micronas Perfect 3D Sound
(L,C,R)
CS
MULTI_CHANNEL
PASSIVE
3D_PANORAMA
NORMAL
WIDE
Special Effects Surround Sound
4-Channel Surround for mono
(L,C,R,S)
CS
MULTI_CHANNEL
EFFECT
REAR_
SPEAKER
NORMAL
WIDE
2-Channel Virtual Surround for mono
(L,R)
HP
TWO_CHANNEL
EFFECT
3D_PANORAMA
OFF
3-Channel Virtual Surround for mono
(L,C,R)
CS
MULTI_CHANNEL
EFFECT
3D_PANORAMA
NORMAL
WIDE
1) Speakers not in use are muted automatically.
2) The implementation in products requires a license from Dolby Laboratories Licensing Corporation (see note on page 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com