công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP34X2G bảng dữ liệu(PDF) 91 Page - Micronas

tên linh kiện MSP34X2G
Giải thích chi tiết về linh kiện  Multistandard Sound Processor Family with Dolby Surround Pro Logic
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONAS [Micronas]
Trang chủ  http://www.micronas.com
Logo MICRONAS - Micronas

MSP34X2G bảng dữ liệu(HTML) 91 Page - Micronas

Back Button MSP34X2G Datasheet HTML 87Page - Micronas MSP34X2G Datasheet HTML 88Page - Micronas MSP34X2G Datasheet HTML 89Page - Micronas MSP34X2G Datasheet HTML 90Page - Micronas MSP34X2G Datasheet HTML 91Page - Micronas MSP34X2G Datasheet HTML 92Page - Micronas MSP34X2G Datasheet HTML 93Page - Micronas MSP34X2G Datasheet HTML 94Page - Micronas MSP34X2G Datasheet HTML 95Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 104 page
background image
PRELIMINARY DATA SHEET
MSP 34x2G
Micronas
91
6.3.5. Register MODE_REG
Note: The use of this register is no longer recom-
mended. It should be used only in cases where soft-
ware compatibility to the MSP 34x0D is required.
Using the STANDARD SELECTION register together
with the MODUS register provides a more economic
way to program the MSP 34x2G.
As soon as this register is applied, the MSP 34x2G
works in the MSP 34x0D Compatibility Mode. In this
mode: BTSC, EIA-J, and FM-Radio are disabled.
Only MSP 34x0D features are available; the use of
MODUS and STATUS register is not allowed. The
MSP 34x2G is reset to the normal mode by first pro-
gramming the MODUS register, followed by transmit-
ting a valid standard code to the STANDARD SELEC-
TION register.
The register ‘MODE_REG’ contains the control bits
determining the operation mode of the MSP 34x2G in
the MSP 34x0D Compatibility Mode; Table 6–12
explains all bit positions.
Table 6–11: AD_CV parameters for Constant Input Gain (AD_CV[7]=0)
Step
AD_CV [6:1]
Constant Gain
Gain
Input Level at pin ANA_IN1
+ and ANA_IN2+
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
000000
000001
000010
000011
000100
000101
000110
000111
001000
001001
001010
001011
001100
001101
001110
001111
010000
010001
010010
010011
010100
3.00 dB
3.85 dB
4.70 dB
5.55 dB
6.40 dB
7.25 dB
8.10 dB
8.95 dB
9.80 dB
10.65 dB
11.50 dB
12.35 dB
13.20 dB
14.05 dB
14.90 dB
15.75 dB
16.60 dB
17.45 dB
18.30 dB
19.15 dB
20.00 dB
maximum input level: 3 Vpp (FM) or 1 Vpp (NICAM)
1)
maximum input level: 0.14 Vpp
1) For signals above 1.4 V
pp, the minimum gain of 3 dB is switched and overflow of the A/D converter may result. Due to the
robustness of the internal processing, the IC works up to and even more than 3 Vpp, if norm conditions of FM/NICAM or
FM1/FM2 ratio are supposed. In this overflow case, a loss of FM-S/N ratio of about 10 dB may appear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com