công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP34X2G bảng dữ liệu(PDF) 43 Page - Micronas

tên linh kiện MSP34X2G
Giải thích chi tiết về linh kiện  Multistandard Sound Processor Family with Dolby Surround Pro Logic
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONAS [Micronas]
Trang chủ  http://www.micronas.com
Logo MICRONAS - Micronas

MSP34X2G bảng dữ liệu(HTML) 43 Page - Micronas

Back Button MSP34X2G Datasheet HTML 39Page - Micronas MSP34X2G Datasheet HTML 40Page - Micronas MSP34X2G Datasheet HTML 41Page - Micronas MSP34X2G Datasheet HTML 42Page - Micronas MSP34X2G Datasheet HTML 43Page - Micronas MSP34X2G Datasheet HTML 44Page - Micronas MSP34X2G Datasheet HTML 45Page - Micronas MSP34X2G Datasheet HTML 46Page - Micronas MSP34X2G Datasheet HTML 47Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 104 page
background image
PRELIMINARY DATA SHEET
MSP 34x2G
Micronas
43
SURROUND PROCESSING
00 48hex
Output Configuration
bit[15]
HP/CS Switch
0
Headphone outputs are active (pin names: DACA_L,
DACA_R), CS outputs are muted
1
Center/Surround outputs are active (pin names:
DACM_C, DACM_S), HP outputs are muted
(C corresponds to headphone L, S to headphone R)
The HP/CS switch defines which output pin pair is driven by the DA converters
that are used for headphone or surround processing. The unselected pins are
muted. This makes it convenient to connect the center/surround amplifiers or
outputs to the MSP 34x2G without external switches. The Headphone/Surround
channel should be muted before switching (Set Register 06hex to: 0000hex).
Allow at least 2 s for settling to avoid audible plops.
bit[14:8]
Channel Configuration
00hex
STEREO: This mode is used in plain stereo mode. Stan-
dard processing applies to the loudspeaker and head-
phone channels. Surround processing is switched off. In
this mode, the IC is compatible to the MSP 3450G (if
bit[15] is equal to 0).
01hex
TWO_CHANNEL: This mode is used for virtual surround
sound. The surround processing block is active and its left
and right outputs are distributed to the loudspeaker output
channel. The processing on the headphone channel
remains standard. In this mode, the IC is comparable to
the MSP 3451G.
02hex
MULTI_CHANNEL: This mode is used for surround sound
with more than 2 channels. The surround processing block
is active and its left and right outputs are distributed to the
loudspeaker output channel, its center and surround out-
puts are distributed to the headphone output channel. No
headphone processing is possible. In this mode, it is con-
venient to select the newly implemented C/S pins by set-
ting bit[15] to 1.
bit[7:0]
00hex
must be 0
OUT_CONF
HP_CS
CHAN_CONF
00 49hex
Spatial Effects for Surround Processing
bit[15:8]
Spatial Effect Strength
7Fhex
Enlargement 100%
3Fhex
Enlargement 50%
...
01hex
Enlargement 1.5%
00hex
Effect off
bit[7:0]
00hex
must be 0
Increases the perceived basewidth of the reproduced left and right front chan-
nels. Recommended value: 50% = 40hex. In contrast to the spatial effect for the
loudspeaker channel, the surround spatial effect is optimized for surround
sound. Note: If surround sound processing is active, the spatial effect for the
loudspeaker channel (Register 05hex) is switched off.
SUR_SPAT
Table 3–11: Write Registers on I2C Subaddress 12hex, continued
Register
Address
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com