công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMK0483PAP/EM bảng dữ liệu(PDF) 92 Page - Texas Instruments

tên linh kiện LMK0483PAP/EM
Giải thích chi tiết về linh kiện  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMK0483PAP/EM bảng dữ liệu(HTML) 92 Page - Texas Instruments

Back Button LMK0483PAP/EM Datasheet HTML 88Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 89Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 90Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 91Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 92Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 93Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 94Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 95Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 102 page
background image
0.01 F
Unpowered
Device
± 400 mV square
wave source
CLKIN or OSCIN
Copyright © 2022, Texas Instruments Incorporated
Figure 9-9. AC-Coupled ± 400 mV Signal Inputted to Unpowered Device
9.4 Layout
9.4.1 Layout Guidelines
In general, the following general guidelines are useful to keep in mind.
• GND pins on the outer perimeter of the package may be routed on the package back to the DAP
• Ensure the DAP on device is well-grounded with many vias.
• Use a low loss dielectric material, such as Rogers 4350B, for optimal output power.
• For power supply bypassing, isolate each clock group .
In addition to this, there are special considerations for the routing of the outputs. The outputs are divided in to
several output groups.
• Clock Group 0: CLKOUT0, CLKOUT1, CLKOUT12, CLKOUT13
• Clock Group 1: CLKOUT2, CLKOUT3
• Clock Group 2: CLKOUT4, CLKOUT5, CLKOUT6, CLKOUT7
• Clock Group 3: CLKOUT8, CLKOUT9, CLKOUT10, CLKOUT11
It is optimal to isolate the power supply pins for these clock group pins with a ferrite bead to crosstalk between
the outputs, especially if the output groups have different frequencies. If there is flexibility in planning which
frequencies go to which outputs, crosstalk can be minimized by putting different frequencies in different output
groups (as opposed to putting them in the same output group).
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
92
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com