công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMK0483PAP/EM bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LMK0483PAP/EM
Giải thích chi tiết về linh kiện  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMK0483PAP/EM bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LMK0483PAP/EM Datasheet HTML 3Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 4Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 5Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 6Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 7Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 8Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 9Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 10Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 102 page
background image
6.5 Electrical Characteristics
VDD, VDD_A = 3.3 V ± 5 %, –55 °C ≤TA ≤ 125 °C. Typical values are at VDD = VDD_A = 3.3 V, 25 °C (unless otherwise
noted)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current Consumption
ICC
Power Down Supply Current
Device Powered Down
3.3
5
mA
Supply Current(1)
PLL1 locked to
external VCXO and
PLL2 locked to
internal VCO
4 CML 32 mA clocks in
bypass
3 LVDS clock /12
4 SYSREF as LCPECL
3 SYSREF as LVDS
980
4 CML 32 mA clocks in
bypass
3 LVDS clock /12
4 SYSREF as LCPECL
(low state)
3 SYSREF as LVDS
(low state)
850
4 CML 32 mA clocks in
bypass
3 LVDS clock /12
7 SYSREF outputs
powered down
700
CLKIN Specifications
fCLKINx
LOS Circuitry
LOS_EN = 1
0.001
125
MHz
PLL1
CLKinX-
TYPE=1(MOS)
AC Coupled Input
0.001
250
CLKinX-TYPE=0
(Bipolar)
AC Coupled Input
0.001
750
PLL2
CLKinX_TYPE=0
(Bipolar)
AC Coupled Input
0.001
500
0-delay
0-delay with external
feedback (CLKIN1)
AC Coupled Input
0.001
750
Distribution Mode
CLKIN1/FIN1 Pin only AC Coupled Input
0.001
3250
SLEWCLKIN
Input Slew Rate(2)
0.15
0.5
V/ns
VCLKINx/FIN1 Single-ended clock input voltage
Input pin AC coupled; complementary pin AC
coupled to GND
0.5
2.4
Vpp
VIDCLKINX/
FIN1
Differential clock input voltage(3)
AC coupled
0.125
1.55
|V|
VSSCLKINx/
FIN1
0.25
3.1
Vpp
|VCLKINX-
offset|
DC offset voltage between CLKIN /
CLKINX* Each Pin AC Coupled
CLKIN0/1/2 (Bipolar)
0
|mV|
CLKIN0/1 (MOS)
55
CLKIN2 (MOS)
20
VCLKINVIH
High Input Voltage
VCLKIN-VIH
DC Coupled Input
2
Vcc
V
VCLKINVIL
Low Input Voltage
VCLKIN-VIL
DC Coupled Input
0
0.4
V
FIN0 Input Pin
fFIN0
External Input Frequency
AC Coupled Slew
Rate > 150 V/us
FIN0_DIV2_EN=1
1
3250
MHz
fFIN0
FIN0_DIV2_EN=2
1
6400
MHz
VIDFIN0
Differential Input Voltage
AC Coupled
0.125
1.55
Vpp
VSSFIN0
0.25
3.1
Vpp
www.ti.com
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com