công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMK0483PAP/EM bảng dữ liệu(PDF) 82 Page - Texas Instruments

tên linh kiện LMK0483PAP/EM
Giải thích chi tiết về linh kiện  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMK0483PAP/EM bảng dữ liệu(HTML) 82 Page - Texas Instruments

Back Button LMK0483PAP/EM Datasheet HTML 78Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 79Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 80Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 81Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 82Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 83Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 84Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 85Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 102 page
background image
8.6.2.9.3 CLR_PLL1_LD_LOST, CLR_PLL2_LD_LOST
Table 8-81. Register 0x182
BIT
NAME
POR DEFAULT
DESCRIPTION
7:2
NA
0
Reserved
1
CLR_PLL1_LD_LOST
0
To reset RB_PLL1_LD_LOST, write CLR_PLL1_LD_LOST with 1 and then 0.
0: RB_PLL1_LD_LOST will be set on next falling PLL1 DLD edge.
1: RB_PLL1_LD_LOST is held clear (0). User must clear this bit to allow
RB_PLL1_LD_LOST to become set again.
0
CLR_PLL2_LD_LOST
0
To reset RB_PLL2_LD_LOST, write CLR_PLL2_LD_LOST with 1 and then 0.
0: RB_PLL2_LD_LOST will be set on next falling PLL2 DLD edge.
1: RB_PLL2_LD_LOST is held clear (0). User must clear this bit to allow
RB_PLL2_LD_LOST to become set again.
8.6.2.9.4 RB_PLL1_LD_LOST, RB_PLL1_LD, RB_PLL2_LD_LOST, RB_PLL2_LD
For PLL2 DLD read back to be valid, either PLL2 DLD or PLL1 + PLL2 DLD signal must be output from the
status pins, or PLL2_DLD_EN bit must be set = 1.
Table 8-82. Register 0x183
BIT
NAME
POR DEFAULT
DESCRIPTION
7:4
N/A
0
Reserved
3
RB_PLL1_LD_LOST
0
This is set when PLL1 DLD edge falls. Does not set if cleared while PLL1 DLD
is low.
2
RB_PLL1_LD
0
Read back 0: PLL1 DLD is low.
Read back 1: PLL1 DLD is high.
1
RB_PLL2_LD_LOST
0
This is set when PLL2 DLD edge falls. Does not set if cleared while PLL2 DLD
is low.
0
RB_PLL2_LD
0
PLL1_LD_MUX or PLL2_LD_MUX must select setting 2 (PLL2 DLD) for valid
reading of this bit.
Read back 0: PLL2 DLD is low.
Read back 1: PLL2 DLD is high.
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
82
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com