công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMK0483PAP/EM bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LMK0483PAP/EM
Giải thích chi tiết về linh kiện  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMK0483PAP/EM bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LMK0483PAP/EM Datasheet HTML 1Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 2Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 3Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 4Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 5Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 6Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 7Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 8Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 102 page
background image
Table 5-1. Pin Functions (continued)
PIN
I/O
TYPE
DESCRIPTION
NO.
NAME
3
CLKIN1_N
I
ANLG
Reference Clock input port 1 for PLL1.
FIN1_N
External VCO input or clock distribution input.
FBCLK_N
Feedback input for external clock feedback input (0–delay mode).
4
VCC6_PLL1
–
PWR
Power supply for PLL1, charge pump 1, holdover DAC
5
CLKIN0_P
I
ANLG
Reference Clock input port 0 for PLL1.
6
CLKIN0_N
7
VCC7_OSCOUT
–
PWR
Power supply for OSCOUT pins.
8
OSCOUT_P
I/O
Programmable
Buffered output of OSCIN pins
CLKIN2_P
Reference Clock input port 2 for PLL1.
9
OSCOUT_N
I/O
Programmable
Buffered output of OSCIN pins
CLKIN2_N
Reference Clock input port 2 for PLL1.
10
VCC8_OSCIN
–
PWR
Power supply for OSCIN
11
OSCIN_P
I
ANLG
Feedback to PLL1 and reference input to PLL2. AC-coupled.
12
OSCIN_N
13
VCC9_CP2
–
PWR
Power supply for PLL2 charge pump.
14
CPOUT2
O
ANLG
Charge pump 2 output.
15
VCC10_PLL2
–
PWR
Power supply for PLL2.
16
STATUS_LD2
I/O
Programmable
Programmable status pin.
17
CLKOUT9_P
O
Programmable
Clock output 9. For JESD204B/C systems suggest SYSREF Clock.
(1) Programmable formats: CML, LVPECL, LCPECL, LVDS, or
2xLVCMOS.
18
CLKOUT9_N
19
CLKOUT8_P
O
Programmable
Clock output 8. For JESD204B/C systems suggest Device Clock.
(1) Programmable formats: CML, LVPECL, LCPECL, LVDS, or
2xLVCMOS.
20
CLKOUT8_N
21
VCC11_CG3
–
PWR
Power supply for clock outputs 8, 9, 10, and 11.
22
CLKOUT10_P
O
Programmable
Clock output 10. For JESD204B/C systems suggest Device Clock.
(1) Programmable formats: CML, LVPECL, LCPECL, LVDS, or
2xLVCMOS.
23
CLKOUT10_N
24
CLKOUT11_P
O
Programmable
Clock output 11. For JESD204B/C systems suggest SYSREF Clock.
(1) Programmable formats: CML, LVPECL, LCPECL, LVDS, or
2xLVCMOS.
25
CLKOUT11_N
26
CLKin_SEL0
I/O
Programmable
Programmable status pin.
27
CLKIN_SEL1
I/O
Programmable
Programmable status pin.
28
CLKOUT13_P
O
Programmable
Clock output 13. For JESD204B/C systems suggest SYSREF Clock.
(1) Programmable formats: CML, LVPECL, LCPECL, LVDS, or
2xLVCMOS.
29
CLKOUT13_N
30
CLKOUT12_P
O
Programmable
Clock output 12. For JESD204B/C systems suggest Device Clock.(1)
Programmable formats: CML, LVPECL, LCPECL, or LVDS.
31
CLKOUT12_N
32
VCC12_CG0
–
PWR
Power supply for clock outputs 0, 1, 12, and 13.
33
CLKOUT0_P
O
Programmable
Clock output 0. For JESD204B/C systems suggest Device Clock.(1)
Programmable formats: CML, LVPECL, LCPECL, or LVDS.
34
CLKOUT0_N
35
CLKOUT1_P
O
Programmable
Clock output 1. For JESD204B/C systems suggest SYSREF
Clock. Programmable formats: CML, LVPECL, LCPECL, LVDS, or
2xLVCMOS.
36
CLKOUT1_N
37
RESET/GPO
I
CMOS
Device reset input or GPO
38
SYNC/
SYSREF_REQ
I
CMOS
Synchronization input or SYSREF_REQ for requesting continuous
SYSREF.
39
GND
–
GND
This pin should be grounded.
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com