công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLM5177DCPR bảng dữ liệu(PDF) 23 Page - Texas Instruments

tên linh kiện PLM5177DCPR
Giải thích chi tiết về linh kiện  LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PLM5177DCPR bảng dữ liệu(HTML) 23 Page - Texas Instruments

Back Button PLM5177DCPR Datasheet HTML 19Page - Texas Instruments PLM5177DCPR Datasheet HTML 20Page - Texas Instruments PLM5177DCPR Datasheet HTML 21Page - Texas Instruments PLM5177DCPR Datasheet HTML 22Page - Texas Instruments PLM5177DCPR Datasheet HTML 23Page - Texas Instruments PLM5177DCPR Datasheet HTML 24Page - Texas Instruments PLM5177DCPR Datasheet HTML 25Page - Texas Instruments PLM5177DCPR Datasheet HTML 26Page - Texas Instruments PLM5177DCPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
The RT pin is regulated to 0.75 V by an internal voltage source when the device is in active mode. Therefore, the
switching frequency can be dynamically changed during operation by changing the current flowing through the
resistor. Figure 8-9 and Figure 8-10 show two examples for changing the frequency by the switching the resistor
value or applying a external voltage source through a resistor. It is not recommended to connect any additional
capacitance directly to the RT pin.
RT
Incr ease f(sw)
Figure 8-9. Frequency Hopping Example
RT
+
±
+
±
+
±
Figure 8-10. Dynamic Frequency Changing
Example
8.3.7 Voltage Regulation Loop
The LM5177 features an internal error amplifier (EA) to regulate the output voltage. The output voltage gets
sensed on the FB pin through external resistors, which determine the target or nominal output voltage. The
reference for the EA builds the soft-start and analog output voltage tracking pin (SS/ATRK). The COMP pin is the
output of the internal gm-stage and gets connected to the external compensation network. The voltage over the
compensation network is the nominal value for the inner peak current control loop of the device.
By connecting the FB pin to a voltage higher the internal feedback selection threshold (for example, V(VCC)), the
device latches this configuration during start-up and operates with a fixed output voltage.
www.ti.com
LM5177
SNVSBU4A – JUNE 2022 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com