công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLM5177DCPR bảng dữ liệu(PDF) 46 Page - Texas Instruments

tên linh kiện PLM5177DCPR
Giải thích chi tiết về linh kiện  LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PLM5177DCPR bảng dữ liệu(HTML) 46 Page - Texas Instruments

Back Button PLM5177DCPR Datasheet HTML 42Page - Texas Instruments PLM5177DCPR Datasheet HTML 43Page - Texas Instruments PLM5177DCPR Datasheet HTML 44Page - Texas Instruments PLM5177DCPR Datasheet HTML 45Page - Texas Instruments PLM5177DCPR Datasheet HTML 46Page - Texas Instruments PLM5177DCPR Datasheet HTML 47Page - Texas Instruments PLM5177DCPR Datasheet HTML 48Page - Texas Instruments PLM5177DCPR Datasheet HTML 49Page - Texas Instruments PLM5177DCPR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
– SW2
– HO1
– HO2
– LO1
– LO2
– HB1
– HB2
• Use an internal layer or layers as ground plane or planes. Pay particular attention to shielding the feedback
(FB) trace from power traces and components.
• Route the CSA and CSB and ISNSP and ISNSN traces as differential pairs to minimize noise pickup and use
Kelvin connections to the applicable shunt resistor.
• Locate the upper and lower feedback resistors close to the FB pins, keeping the FB traces as short as
possible. Route the trace from the upper feedback resistor or resistors to the output voltage sense point.
• Use a common ground node for power ground and a different one for analog ground to minimize the effects
of ground noise. Connect these ground nodes at any place close to one of the ground pins of the IC.
• The HTSSOP package offers a means of removing heat from the semiconductor die through the exposed
thermal pad at the base of the package. While the exposed pad of the package is not directly connected to
any leads of the package, it is thermally connected to the substrate (ground) of the device. This connection
allows a significant improvement in heat sinking, and it becomes imperative that the PCB is designed with
thermal lands, thermal vias, and a ground plane to complete the heat removal subsystem.
11.2 Layout Example
CIN
LM5 177
COUT
L1
Q1
Q2
Q3
Q4
RSNS
CIN
LM5 177
COUT
L1
Q1
Q2
Q3
Q4
RSNS
Figure 11-1. LM5177 Top Layer Routing Example
LM5177
SNVSBU4A – JUNE 2022 – REVISED OCTOBER 2022
www.ti.com
46
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com