công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLM5177DCPR bảng dữ liệu(PDF) 20 Page - Texas Instruments

tên linh kiện PLM5177DCPR
Giải thích chi tiết về linh kiện  LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PLM5177DCPR bảng dữ liệu(HTML) 20 Page - Texas Instruments

Back Button PLM5177DCPR Datasheet HTML 16Page - Texas Instruments PLM5177DCPR Datasheet HTML 17Page - Texas Instruments PLM5177DCPR Datasheet HTML 18Page - Texas Instruments PLM5177DCPR Datasheet HTML 19Page - Texas Instruments PLM5177DCPR Datasheet HTML 20Page - Texas Instruments PLM5177DCPR Datasheet HTML 21Page - Texas Instruments PLM5177DCPR Datasheet HTML 22Page - Texas Instruments PLM5177DCPR Datasheet HTML 23Page - Texas Instruments PLM5177DCPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
cycle with sampling the peak current. As long as the duty cycle does not reach the minimum off time, the current
control remains in buck operating mode.
IL(peak)
II
III
Main Oscil lato r
Clock
Switchi ng
State
Inducto r
Curren t
Figure 8-3. Inductor Current in Continuous Current Boost Operation
8.3.1.3 Buck-Boost Mode
As soon as the on time in buck mode operation exceeds the minimum on time or the off time in boost mode
exceeds the minimum off time, the control transits to the buck boost operation. In the continuous current
buck-boost mode, the control adds a boost magnetization (state I) switching cycle before the peak current is
reached. Therefore, buck-boost operation mode always consists of all three switching cycles state I, state II, and
state III. The peak current detection in this mode happens during switching state I.
IL(peak)
II
III
Main Oscil lato r
Clock
Switchi ng
State
Inducto r
Curren t
I
Figure 8-4. Inductor Current in Continuous Buck-Boost Operation
8.3.2 Power Save Mode
With the MODE pin low, power save mode is active. In this operating mode, the switching activity is reduced
and efficiency is maximized. If the mode pin is high, power save mode is disabled. The converter operates in
continuous conduction mode.
In boost or in buck mode, the converter is operating up to the duty cycles with the respective minimum off
times or on times. If the timing limits are reached, the output voltage increases. As soon as this happens, the
voltage regulation loop detects the increase and turns the device into a TI proprietary sleep mode as the energy
consumed by the load is less than what the converter generates during switching. In this mode, both low sides
are turned on to ensure the high-side gate voltage supply voltage for HB1 and HB2 are charged. Other internal
circuits are partially turned off to reduce the current consumption of the converter to a minimum possible. In case
the output voltage reaches the nominal output voltage set point, the switching activity starts again.
To avoid subharmonic frequencies due to repetitive entry and exit of the power save operation, the entry point is
randomized between the nominal voltage and the maximum entry detection threshold of 1% above the nominal
voltage.
In the buck-boost area where larger or smaller duty cycles is necessary, switching pulses are skipped. When
necessary, the control initiates switching activities with a minimum time of state I or state III to maintain the
inductor current as required by the voltage regulation loop.
LM5177
SNVSBU4A – JUNE 2022 – REVISED OCTOBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com