công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC58NG80C3 bảng dữ liệu(PDF) 77 Page - STMicroelectronics

tên linh kiện SPC58NG80C3
Giải thích chi tiết về linh kiện  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NG80C3 bảng dữ liệu(HTML) 77 Page - STMicroelectronics

Back Button SPC58NG80C3 Datasheet HTML 73Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 74Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 75Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 76Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 77Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 78Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 79Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 80Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 139 page
background image
DS11758 Rev 6
77/139
SPC584Gx, SPC58EGx, SPC58NGx
Electrical characteristics
77
All the Flash operations require the presence of the system clock for internal
synchronization. About 50 synchronization cycles are needed: this means that the timings of
the previous table can be longer if a low frequency system clock is used.
8. Rate computed based on 256 KB sectors.
9. Only code sectors, not including EEPROM.
10. Time between suspend resume and next suspend. Value stated actually represents Min value specification.
11. Timings guaranteed by design.
12. AIC is done using system clock, thus all timing is dependent on system frequency and number of wait states. Timing in the
table is calculated at max frequency.
Table 42. Flash memory Life Specification
Symbol
Characteristics(1) (2)
1. Program and erase cycles supported across specified temperature specifications.
2. It is recommended that the application enables the core cache memory.
Value
Unit
Min
C
Typ
C
NCER16K 16 KB CODE Flash endurance
10
100
— Kcycles
NCER32K 32 KB CODE Flash endurance
10
100
— Kcycles
NCER64K 64 KB CODE Flash endurance
10
100
— Kcycles
NCER128K 128 KB CODE Flash endurance
1
100
— Kcycles
NCER256K
256 KB CODE Flash endurance
1
100
— Kcycles
256 KB CODE Flash endurance(3)
3. 10K cycles on 4-256 KB blocks is not intended for production. Reduced reliability and degraded erase time
are possible.
10
100
— Kcycles
NDER64K 64 KB DATA EEPROM Flash endurance
250
— Kcycles
NDER16K 16 KB HSM DATA EEPROM Flash endurance
100
— Kcycles
tDR1k
Minimum data retention Blocks with 0 - 1,000 P/E
cycles
25
Years
tDR10k
Minimum data retention Blocks with 1,001 - 10,000
P/E cycles
20
Years
tDR100k
Minimum data retention Blocks with 10,001 - 100,000
P/E cycles
15
Years
tDR250k
Minimum data retention Blocks with 100,001 -
250,000 P/E cycles
10
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com