| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC387 bảng dữ liệu(PDF) 85 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TC387 bảng dữ liệu(HTML) 85 Page - Infineon Technologies AG |
|
85 / 416 page ![]() TC38x AD/AE-Step Pin Definition and Functions BGA516 Package Variant Pin Configuration Data Sheet 85 V 1.2, 2021-03 B24 P15.10 I FAST / PU1 / VEXT / ES6 General-purpose input GTM_TIM4_IN1_7 Mux input channel 1 of TIM module 4 GTM_TIM2_IN1_8 Mux input channel 1 of TIM module 2 P15.10 O0 General-purpose output GTM_TOUT242 O1 GTM muxed output —O2 Reserved —O3 Reserved —O4 Reserved —O5 Reserved —O6 Reserved —O7 Reserved A24 P15.11 I FAST / PU1 / VEXT / ES6 General-purpose input GTM_TIM4_IN2_6 Mux input channel 2 of TIM module 4 GTM_TIM2_IN2_8 Mux input channel 2 of TIM module 2 P15.11 O0 General-purpose output GTM_TOUT243 O1 GTM muxed output —O2 Reserved —O3 Reserved —O4 Reserved —O5 Reserved —O6 Reserved —O7 Reserved B23 P15.12 I FAST / PU1 / VEXT / ES6 General-purpose input GTM_TIM4_IN3_6 Mux input channel 3 of TIM module 4 GTM_TIM2_IN3_6 Mux input channel 3 of TIM module 2 P15.12 O0 General-purpose output GTM_TOUT244 O1 GTM muxed output —O2 Reserved —O3 Reserved —O4 Reserved —O5 Reserved —O6 Reserved —O7 Reserved Table 2-9 Port 15 Functions (cont’d) Ball Symbol Ctrl. Buffer Type Function OPEN MARKET VERSION |