| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC387 bảng dữ liệu(PDF) 33 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TC387 bảng dữ liệu(HTML) 33 Page - Infineon Technologies AG |
|
33 / 416 page ![]() TC38x AD/AE-Step Pin Definition and Functions BGA516 Package Variant Pin Configuration Data Sheet 33 V 1.2, 2021-03 N2 P01.12 I FAST / PU1 / VEXT / ES General-purpose input GTM_TIM6_IN0_3 Mux input channel 0 of TIM module 6 GTM_TIM5_IN0_2 Mux input channel 0 of TIM module 5 GTM_TIM4_IN0_2 Mux input channel 0 of TIM module 4 P01.12 O0 General-purpose output GTM_TOUT158 O1 GTM muxed output ASCLIN7_ATX O2 Transmit output —O3 Reserved —O4 Reserved —O5 Reserved ERAY1_TXDA O6 Transmit Channel A —O7 Reserved N1 P01.13 I FAST / PU1 / VEXT / ES General-purpose input GTM_TIM6_IN1_3 Mux input channel 1 of TIM module 6 GTM_TIM5_IN3_1 Mux input channel 3 of TIM module 5 GTM_TIM4_IN3_1 Mux input channel 3 of TIM module 4 P01.13 O0 General-purpose output GTM_TOUT161 O1 GTM muxed output ASCLIN0_ATX O2 Transmit output IOM_MON2_12 Monitor input 2 IOM_REF2_12 Reference input 2 —O3 Reserved CAN00_TXD O4 CAN transmit output node 0 IOM_MON2_5 Monitor input 2 IOM_REF2_5 Reference input 2 CAN20_TXD O5 CAN transmit output node 0 ERAY1_TXDB O6 Transmit Channel B —O7 Reserved Table 2-2 Port 01 Functions (cont’d) Ball Symbol Ctrl. Buffer Type Function OPEN MARKET VERSION |