| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC387 bảng dữ liệu(PDF) 71 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TC387 bảng dữ liệu(HTML) 71 Page - Infineon Technologies AG |
|
71 / 416 page ![]() TC38x AD/AE-Step Pin Definition and Functions BGA516 Package Variant Pin Configuration Data Sheet 71 V 1.2, 2021-03 A12 P13.13 I SLOW / PU1 / VEXT / ES General-purpose input GTM_TIM5_IN5_5 Mux input channel 5 of TIM module 5 GTM_TIM3_IN5_9 Mux input channel 5 of TIM module 3 MSC2_INJ0 Injection signal from port PSI5_RX3B RXD inputs (receive data) channel 3 P13.13 O0 General-purpose output GTM_TOUT262 O1 GTM muxed output ASCLIN7_ASCLK O2 Shift clock output —O3 Reserved —O4 Reserved —O5 Reserved —O6 Reserved —O7 Reserved B11 P13.14 I SLOW / PU1 / VEXT / ES General-purpose input GTM_TIM5_IN2_4 Mux input channel 2 of TIM module 5 GTM_TIM3_IN2_7 Mux input channel 2 of TIM module 3 P13.14 O0 General-purpose output GTM_TOUT252 O1 GTM muxed output —O2 Reserved —O3 Reserved —O4 Reserved —O5 Reserved —O6 Reserved —O7 Reserved A11 P13.15 I SLOW / PU1 / VEXT / ES General-purpose input GTM_TIM5_IN7_4 Mux input channel 7 of TIM module 5 GTM_TIM3_IN7_9 Mux input channel 7 of TIM module 3 P13.15 O0 General-purpose output GTM_TOUT264 O1 GTM muxed output ASCLIN7_ASLSO O2 Slave select signal output —O3 Reserved PSI5_TX3 O4 TXD outputs (send data) —O5 Reserved —O6 Reserved —O7 Reserved Table 2-7 Port 13 Functions (cont’d) Ball Symbol Ctrl. Buffer Type Function OPEN MARKET VERSION |