| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC387 bảng dữ liệu(PDF) 49 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TC387 bảng dữ liệu(HTML) 49 Page - Infineon Technologies AG |
|
49 / 416 page ![]() TC38x AD/AE-Step Pin Definition and Functions BGA516 Package Variant Pin Configuration Data Sheet 49 V 1.2, 2021-03 F11 P10.3 I FAST / PU1 / VEXT / ES General-purpose input GTM_TIM4_IN6_10 Mux input channel 6 of TIM module 4 GTM_TIM1_IN3_3 Mux input channel 3 of TIM module 1 GTM_TIM0_IN3_3 Mux input channel 3 of TIM module 0 QSPI1_MTSRA Slave SPI data input SCU_E_REQ3_0 ERU Channel 3 inputs 0 to 5 (0 is the LSB and 5 is the MSB) GPT120_T5INB Trigger/gate input of timer T5 P10.3 O0 General-purpose output GTM_TOUT105 O1 GTM muxed output IOM_MON2_10 Monitor input 2 —O2 Reserved QSPI1_MTSR O3 Master SPI data output MSC0_EN0 O4 Chip Select —O5 Reserved CAN02_TXD O6 CAN transmit output node 2 IOM_MON2_7 Monitor input 2 IOM_REF2_7 Reference input 2 —O7 Reserved G11 P10.4 I FAST / PU1 / VEXT / ES General-purpose input GTM_TIM4_IN7_3 Mux input channel 7 of TIM module 4 GTM_TIM1_IN6_2 Mux input channel 6 of TIM module 1 GTM_TIM0_IN6_2 Mux input channel 6 of TIM module 0 QSPI1_MTSRC Slave SPI data input CCU60_CCPOS0C Hall capture input 0 GPT120_T3INB Trigger/gate input of core timer T3 ASCLIN11_ARXB Receive input ASCLIN22_ARXA Receive input P10.4 O0 General-purpose output GTM_TOUT106 O1 GTM muxed output IOM_MON2_11 Monitor input 2 ASCLIN22_ATX O2 Transmit output QSPI1_SLSO8 O3 Master slave select output QSPI1_MTSR O4 Master SPI data output MSC0_EN0 O5 Chip Select —O6 Reserved —O7 Reserved Table 2-4 Port 10 Functions (cont’d) Ball Symbol Ctrl. Buffer Type Function OPEN MARKET VERSION |