công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HPWWSCR bảng dữ liệu(PDF) 10 Page - Hubbell Incorporated.

tên linh kiện HPWWSCR
Giải thích chi tiết về linh kiện  Wire Basket Tray System Cable Management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HUBBELL [Hubbell Incorporated.]
Trang chủ  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

HPWWSCR bảng dữ liệu(HTML) 10 Page - Hubbell Incorporated.

Back Button HPWWSCR Datasheet HTML 4Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 5Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 6Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 7Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 8Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 9Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 10Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 11Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 12Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Wire Basket Tray Technical Support
Cutting and Forming Fittings
Cutting Tool
Description
Weight
(lb/each)
Qty. per
Box
Catalog No.
Manual offset angled cutting
tool, 24" leveraged handle
6.0
1
HPWCUTTOOL
Cutting Wire Basket Tray
• Always make field cuts with the side action angle
cutting tool
• Cuts can be made on any finish, width or depth basket tray
• Cut as many segments required for sweep elbows (see
Splice Quantity column on product pages)
• Remove any sharp edges to eliminate possible damage
to cables
How to Form a 90º Flat Sweep Elbow
• Determine which wires must be cut for the type of fitting or
redirection required. This will usually be the side and bottom
wires of every other mesh section.
• Cut the top side wire first.
• Cut the remaining side wires.
• Turn the tray over and cut the bottom wires.
• This creates open gaps in the side wall and bottom
of the tray.
• Bend the tray to form the desired elbow radius curve by
closing the gaps.
• Install splice kits and hardware where the wedge-shaped sections come together.
• Splice kits provide the mechanical connection, as well as electrical grounding continuity.
How to Form a Tee Fitting
• Determine the location of the horizontal “tee” fitting along the length of basket tray.
• Cut the side wires from the tray which shall be the horizontal tray section, to the same width
as the perpendicular tray section.
• Do not cut the bottom wires.
• Align the perpendicular tray to the opening in the side of the horizontal tray.
• Position one angle bracket from the HPWWCSP corner splice kit on each side of the opening.
• Secure the angle brackets to the horizontal and perpendicular tray sections with splice kits
(nut, bolt, and washer) provided in the HPWWCSP corner splice kit.
• Support the tee fitting on all three sides of the tee using appropriate support method.
Splice Hardware
Description
Weight
(lb)
Catalog No.
Splice Kit
3 piece staked bolt/
washer and nut
combination; Splices
straight sections and
field formed fittings;
50 pieces per box
5.0/box
HPWWSKT
Bar Splice
Slotted bar 11-15/16"
long; Splices straight
sections and fittings;
Bend to form tray
reducers; Adds rigidity
to tray splices;
50 pieces per box
14.0/box
HPWWBSP
Corner Splice
(2) 90° splice bars and (8)
sets of the splice kit
Splices Fittings
Use one per each Tee
Fitting; Use two per each
Cross Fitting
1.0 each
HPWWCSP
Washer Support
Splices straight
sections and fittings
and can also be used
as a hold down method
for tray to strut (Nut
and bolt provided
separately);
50 pieces per box
6.0/box
HPWWWST
Grounding Kit
Provides additional
supplemental
grounding for basket
tray splices. May be
specified in addition to
the standard method
of splicing basket tray
using HPWWSKT splice
kits. Kit includes five 9"
#6 AWG copper leads
and ten split bolts.
1.5 each
HGRKTWB5
10
Dimensions in Inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com