công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HPWWSCR bảng dữ liệu(PDF) 9 Page - Hubbell Incorporated.

tên linh kiện HPWWSCR
Giải thích chi tiết về linh kiện  Wire Basket Tray System Cable Management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HUBBELL [Hubbell Incorporated.]
Trang chủ  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

HPWWSCR bảng dữ liệu(HTML) 9 Page - Hubbell Incorporated.

Back Button HPWWSCR Datasheet HTML 4Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 5Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 6Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 7Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 8Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 9Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 10Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 11Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 12Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Specifications
Wire Mesh Basket Tray Product Specifications
2.01 ACCEPTABLE MANUFACTURES
1. Manufacturer: Subject to compliance with these
specifications, wire basket tray systems to be installed shall
be Hubbell “HPWW" series.
2.02 WIRE TRAY SECTIONS AND COMPONENTS
1. Provide wire basket of types and sizes indicated; with all
required splicing and mounting hardware. Construct units
with T-weld edges and smooth surfaces; in compliance
with applicable standards; and with the following additional
construction features.
A. All straight section longitudinal wires shall be
constructed with a continuous top wire safety edge.
Safety edge must be T-welded on all tray sizes.
B. Wire basket cross-wire to be constructed with either
flat shaped wire design or with round wire design, as
directed by engineer.
- Flat shaped cross wire design shall provide additional
surface area for cable weight support and to avoid
pressure points and strain on cables.
- Round shaped cross wire design may be used in
general purpose applications where cable weight and
strain are not concerns.
2. Materials and Finishes: Material and finish specifications for
Carbon Steel Wire and Pre-Galvanized steel wire are
as follows:
A. Pre-Galvanized Zinc: Straight section shall be made from
pre-galvanized steel meeting the minimum mechanical
properties of ASTM A 641. Material must be cleaned
after fabrication to remove any soot, manufacturing
residue/oils, or metallic particles.
B. Powder Coat: Straight sections shall be powder
coated black with an average paint thickness of 1.2mils
(30microns) to 3.0mils (75microns). Hubbell powder coat
product is masked at splice points to allow conductive
ground design; no field paint removal is required.
C. Stainless Steel: Straight sections and accessories shall
be made from AISI Type 304L, 316L Stainless Steel
(meeting the minimum mechanical properties of
ASTM A 580).
D. Electro-Plated Zinc Galvanized (Post Plated) Made from
Carbon Steel and plated to ASTM B 633, Type III, SC-1.
3. Wire basket shall be made of high strength steel wires and
formed into a standard 2" by 2" wire mesh pattern with
intersecting wires welded together. All mesh sections must
have at least one bottom longitudinal wire along entire
length of straight section.
4. Wire basket sizes shall conform to the following
nominal criteria:
A. Straight sections shall be furnished in standard
118 inch lengths (commonly referred to as 10-foot).
B. Wire diameter shall be 0.195” (5mm) minimum on all
mesh sections up to 16 linear inches. Wire diameter
line wire shall be 0.234” (6mm) minimum on all mesh
sections in excess of 16 linear inches. Wire diameter
shall be minimum size of 4.5mm on stainless steel.
C. Wire basket shall have a 2" usable loading depth by (4),
(6), (8), (10), (12), (14), (16), (18), (20), (22), (24), (26), (28),
(30), (32) inches wide.
D. Wire basket shall have a 4" usable loading depth (4), (6),
(8), (10), (12), (14), (16), (18), (20), (22), (24), (26), (28)
inches wide.
E. Wire basket shall have a 6" usable loading depth by (8),
(10), (12), (14), (16), (18), (20), (22), (24) inches wide.
F. Wire basket shall have an 8" usable loading depth by (8),
(10), (12), (14), (16), (18), (20) inches wide
5. All fittings shall be field formed, from straight sections, in
accordance with manufacturer’s instructions.
6. All Tray sections and splicing assemblies shall be UL/C-UL
Classified as an Equipment Ground Conductor (EGC).
7. Wire mesh basket tray supports shall be ceiling trapeze
type, center support, trapeze clips, or wall brackets as
manufactured by Hubbell.
8. Special accessories shall be furnished as required to
protect, support and install a wire basket support system.
Premise Wiring
®
9
Dimensions in Inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com