công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HPWWSCR bảng dữ liệu(PDF) 3 Page - Hubbell Incorporated.

tên linh kiện HPWWSCR
Giải thích chi tiết về linh kiện  Wire Basket Tray System Cable Management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HUBBELL [Hubbell Incorporated.]
Trang chủ  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

HPWWSCR bảng dữ liệu(HTML) 3 Page - Hubbell Incorporated.

  HPWWSCR Datasheet HTML 1Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 2Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 3Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 4Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 5Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 6Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 7Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 8Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 9Page - Hubbell Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Sizes UL Classified or cUL Classified
as equipment ground conductor
2" Depth
4" Depth
6" Depth
8" Depth
2 x 6
2 x 8
2 x 12
2 x 16
2 x 18
2 x 20
2 x 24
4 x 6
4 x 8
4 x 12
4 x 16
4 x 18
4 x 20
4 x 24
6 x 8
6 x 12
6 x 16
6 x 18
6 x 20
6 x 22
6 x 24
8 x 8
8 x 12
8 x 16
8 x 20
Note: Applicable to pre-galvanized and powder coat painted when
spliced as recommended. Other non-UL sizes require external
grounding conductor. Stainless steel is not UL.
Instructions to Achieve Ground
• Use Hubbell splice kits
(HPWWSKT) to achieve proper
grounding at all splices, joints, and fitting.
• Grounding lugs and external ground wire are not required,
provided
HPWWSKT splice kits are utilized with steel tray.
(Stainless steel tray requires external grounding conductor.)
Wire Fill and Maximum Load Chart
Premise Wiring
®
3
Dimensions in Inches (mm)
Depth
Width
Area
(in2)
Cat 5e (0.18" dia.)
50% Wire Fill
Cat 6 (0.23" dia.)
50% Wire Fill
Cat 6a (0.30" dia.)
50% Wire Fill
Max. load
(lb/ft)
(Supported at 6ft spacing)
2
4
8
157
96
57
45
2
6
12
236
144
85
50
2
8
16
315
193
113
52
2
12
24
472
289
170
58
2
16
32
629
385
226
70
2
18
36
708
433
255
70
2
20
40
786
482
283
73
2
22
44
865
530
311
73
2
24
48
944
578
340
75
2
26
52
1022
626
368
73
2
28
56
1101
674
396
73
2
30
60
1180
722
425
70
2
32
64
1258
771
453
70
4
4
16
315
193
113
49
4
6
24
472
289
170
49
4
8
32
629
385
226
78
4
12
48
944
578
340
78
4
16
64
1258
771
453
108
4
18
72
1415
867
510
116
4
20
80
1573
963
566
116
4
22
88
1730
1060
623
116
4
24
96
1887
1156
679
116
4
28
112
2202
1349
793
108
6
8
48
944
578
340
116
6
12
72
1415
867
510
123
6
16
96
1887
1156
679
123
6
18
108
2123
1300
764
127
6
20
120
2359
1445
849
127
6
22
132
2595
1589
934
127
6
24
144
2831
1734
1019
150
8
8
64
1258
771
453
116
8
12
96
1887
1156
679
116
8
16
128
2516
1541
906
116
8
18
144
2831
1734
1019
116
8
20
160
3145
1926
1132
116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com