công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HPWWSCR bảng dữ liệu(PDF) 4 Page - Hubbell Incorporated.

tên linh kiện HPWWSCR
Giải thích chi tiết về linh kiện  Wire Basket Tray System Cable Management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HUBBELL [Hubbell Incorporated.]
Trang chủ  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

HPWWSCR bảng dữ liệu(HTML) 4 Page - Hubbell Incorporated.

  HPWWSCR Datasheet HTML 1Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 2Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 3Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 4Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 5Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 6Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 7Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 8Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 9Page - Hubbell Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
10 Feet per Length
10 pc. min. order qty. Width
Load
(lb/ft)
Weight
per
Length
(lb)
Splice Quantity
Finish
90° Sweep
Elbow
Straight
Splice
Pre-
Galvanized
Black
Powder Coat
2" Deep Tray
4" (102)
•
45
7
2
2
HPWW0204
HPWW0204BK
6" (152)
•• 50
9
3
4
HPWW0206
HPWW0206BK
8" (203)
•• 52
11
4
4
HPWW0208
HPWW0208BK
12" (305)
•• 58
12
6
4
HPWW0212
HPWW0212BK
16" (406)
• 70
15
7
4
HPWW0216
HPWW0216BK
18" (457)
• 70
23
9
4
HPWW0218
HPWW0218BK
20" (508)
• 73
25
9
5
HPWW0220
HPWW0220BK
22" (559)
73
27
12
5
HPWW0222
HPWW0222BK
24" (610)
• 75
31
12
5
HPWW0224
HPWW0224BK
26" (660)
73
33
13
6
HPWW0226
HPWW0226BK
28" (711)
73
35
14
6
HPWW0228
HPWW0228BK
30" (762)
70
38
15
6
HPWW0230
HPWW0230BK
32" (813)
70
39
16
6
HPWW0232
HPWW0232BK
4" Deep Tray
4" (102)
•
49
12
2
4
HPWW0404
HPWW0404BK
6" (152)
•• 49
13
3
5
HPWW0406
HPWW0406BK
8" (203)
•• 78
15
4
6
HPWW0408
HPWW0408BK
12" (305)
• 78
23
6
6
HPWW0412
HPWW0412BK
16" (406)
• 108
27
7
7
HPWW0416
HPWW0416BK
18" (457)
• 116
29
9
7
HPWW0418
HPWW0418BK
20" (508)
• 116
31
9
7
HPWW0420
HPWW0420BK
22" (559)
116
33
12
8
HPWW0422
HPWW0422BK
24" (610)
• 116
35
12
8
HPWW0424
HPWW0424BK
28" (711)
108
39
14
9
HPWW0428
HPWW0428BK
6" Deep Tray
8" (203)
•
116
23
4
6
HPWW0608
HPWW0608BK
12" (305)
• 123
27
6
6
HPWW0612
HPWW0612BK
16" (406)
• 123
31
7
7
HPWW0616
HPWW0616BK
18" (457)
• 127
33
9
7
HPWW0618
HPWW0618BK
20" (508)
• 127
35
9
7
HPWW0620
HPWW0620BK
22" (559)
• 127
37
12
8
HPWW0622
HPWW0622BK
24" (610)
• 150
39
12
8
HPWW0624
HPWW0624BK
8" Deep Tray
8" (203)
•
116
27
4
8
HPWW0808
HPWW0808BK
12" (305)
• 116
31
6
8
HPWW0812
HPWW0812BK
16" (406)
• 116
35
7
9
HPWW0816
HPWW0816BK
18" (457)
• 116
37
9
9
HPWW0818
HPWW0818BK
20" (508)
• 116
39
9
9
HPWW0820
HPWW0820BK
•UL Classified/cUL Classified as equipment ground conductor.
•5mm diameter round wire. (All others are 6mm diameter round wire.)
Note: All dimensions are +/- 0.25". Custom paint colors available in addition to Black Powder Coat (Contact Hubbell).
Round Wire Basket Tray
Round Cross-Wire Design
Features
• T-weld construction prevents snags
• 5mm round wire on smaller sizes
• 6mm round wire on larger sizes
• High load rating
• Easy to cut and fabricate fittings in the field
• 100% recycled steel
• Use factory support hardware or fabricate
supports on the job site
• 2" x 4" mesh opening
• Painted tray includes factory installed
masking to assure proper grounding at
splices; no need to remove paint
during installation
Field
Configurable
Fittings
Supports and
Hardware
Tee Fitting
Use one
HPWWCSP corner
splice per each
90° Sweep Elbow
Use appropriate
quantity of Splice Kits
2.38"
(60)
W
4"
(102)
W
6"
(152)
W
8"
(208)
W
4
Dimensions in Inches (mm)
5mm
.0078125 sq. inch
"Round" Wire Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com