công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HPWWSSP08 bảng dữ liệu(PDF) 8 Page - Hubbell Incorporated.

tên linh kiện HPWWSSP08
Giải thích chi tiết về linh kiện  Wire Basket Tray System Cable Management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HUBBELL [Hubbell Incorporated.]
Trang chủ  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

HPWWSSP08 bảng dữ liệu(HTML) 8 Page - Hubbell Incorporated.

Back Button HPWWSSP08 Datasheet HTML 4Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 5Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 6Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 7Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 8Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 9Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 10Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 11Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 12Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Termination Support*
Secures end of tray to wall and can serve as blank end fitting; 1 piece per box
Tray
Width
Weight
(lb/each)
Catalog No.
6" (152)
0.75
HPWWTST06
8" (203)
1.0
HPWWTST08
12" (305)
1.2
HPWWTST12
16" (406)
1.4
HPWWTST16
18" (457)
1.6
HPWWTST18
20" (508)
1.75
HPWWTST20
24" (610)
2.0
HPWWTST24
Accessories for Wire Basket Tray
Polymer Inserts, Black
Provides a solid bottom for tray; 10 feet length per piece; 1 piece per box
Tray
Width
Length
Weight
(lb/each) Catalog No.
4" (102) 118" (3000) 0.5
HPWWP0410
6" (152) 118" (3000) 0.65
HPWWP0610
8" (203) 118" (3000) 0.75
HPWWP0810
12" (305) 118" (3000) 1.0
HPWWP1210
16" (406) 118" (3000) 1.25
HPWWP1610
18" (457) 118" (3000) 1.5
HPWWP1810
20" (508) 118" (3000) 1.75
HPWWP2010
24" (610) 118" (3000) 2.25
HPWWP2410
Galvanized Steel Inserts*
Provides a solid bottom for tray; 5 feet length per piece; 1 piece per box
Tray
Width
Length
Weight
(lb/each) Catalog No.
4" (102) 59" (1500)
3.5
HPWWBM0405
6" (152) 59" (1500)
5.0
HPWWBM0605
8" (203) 59" (1500)
7.0
HPWWBM0805
12" (305) 59" (1500)
11.0
HPWWBM1205
16" (406) 59" (1500)
13.5
HPWWBM1605
18" (457) 59" (1500)
16.5
HPWWBM1805
20" (508) 59" (1500)
18.0
HPWWBM2005
24" (610) 59" (1500)
20.0
HPWWBM2405
Galvanized Steel Covers*
5 feet length per piece; 1 piece per box
Tray
Width
Length
Weight
(lb/each) Catalog No.
4" (102) 59" (1500) 3.0
HPWWC0405
6" (152) 59" (1500) 3.5
HPWWC0605
8" (203) 59" (1500) 4.5
HPWWC0805
12" (305) 59" (1500) 6.0
HPWWC1205
16" (406) 59" (1500) 8.0
HPWWC1605
18" (457) 59" (1500) 8.5
HPWWC1805
20" (508) 59" (1500) 9.5
HPWWC2005
24" (610) 59" (1500) 11.0
HPWWC2405
Galvanized Steel Dividers*
Bolt and nut to secure to support bracket (sold separately);
5 feet length per piece; 1 piece per box
For use
with tray Length
Weight
(lb/each) Catalog No.
2" deep 60" (1524) 2.0
HPWWDVR0205
4" deep 60" (1524) 5.0
HPWWDVR0405
6" deep 60" (1524) 7.5
HPWWDVR0605
8" deep 60" (1524) 10.0
HPWWDVR0805
Attachments*
1 piece per box
Description
Weight
(lb/each) Catalog No.
Fitting Attachment, 2"
Fills the gap in 2" tray when
creating fittings
1.0
HPWWFIT02
Fitting Attachment,
4" to 6"
Fill the gap in 4" or 6" tray
when creating fittings
1.0
HPWWFIT45
Rack Attachment
Attaches tray directly to the
top of a standard rack
1.0
HPWWRAT
Conduit Attachment
Connects conduit to tray
(1/2", 3/4" and 1" conduit)
1.5
HPWWCAT
*Catalog numbers shown are for pre-galvanized accessories. Add "
BK" to the end of the part number for Black Finish.
Accessories*
Description
Tray Width
Weight (lb/each)
Catalog No.
Radius Down
Increases cable protection and cable bend control
4" (102)
6" (152)
12" (305)
2.5
3.75
7.5
HPWWRDN04
HPWWRDN06
HPWWRDN12
Vertical Down
Protects cables when dropping from the end or side of tray
7¾" (102)
1.5
HPWWVDN
Label Clip
Attachment for all sizes of tray
0.1
HPWLBLC
Cable Guide
Maintains cable bend radius and acts as a divider for straight sections and fittings
1.0
HPWWCG
Electrical Box Bracket
Attaches electrical box to side of tray
0.75
HPWWEBX
Sidecar
Attaches to outside of tray, provides additional cable support 2" deep
0.5
HPWWSCR
8
Dimensions in Inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com