công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HPWWSSP08 bảng dữ liệu(PDF) 5 Page - Hubbell Incorporated.

tên linh kiện HPWWSSP08
Giải thích chi tiết về linh kiện  Wire Basket Tray System Cable Management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HUBBELL [Hubbell Incorporated.]
Trang chủ  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

HPWWSSP08 bảng dữ liệu(HTML) 5 Page - Hubbell Incorporated.

  HPWWSSP08 Datasheet HTML 1Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 2Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 3Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 4Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 5Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 6Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 7Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 8Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 9Page - Hubbell Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Flat Style Wire Basket Tray
Flat Cross-Wire Design
Features
• Flat shaped cross-wires provide significantly
more surface area to support weight
of cables
• Flat ribs provide 400% more surface area
and reduce stress on cables by 60%
• 100% recycled steel
• 2" x 4" mesh opening
• Reduction in stress helps maintain Cat 6
and Cat 6A performance
• Cuts and configures the same as round
wire tray
• Uses the same splicing and mounting
hardware as round wire tray
Field
Configurable
Fittings
Supports and
Hardware
10 Feet per Length
10 pc. min. order qty. Width
Load
(lb/ft)
Weight
per
Length
(lb)
Splice Quantity
Finish
90° Sweep
Elbow
Straight
Splice
Pre-
Galvanized
Black
Powder Coat
2" Deep Tray
4" (102)
45
7
2
2
HPWW0204S HPWW0204SBK
6" (152)
• 50
9
3
4
HPWW0206S HPWW0206SBK
8" (203)
• 52
11
4
4
HPWW0208S HPWW0208SBK
12" (305)
• 58
12
6
4
HPWW0212S HPWW0212SBK
16" (406)
• 70
15
7
4
HPWW0216S HPWW0216SBK
18" (457)
• 70
23
9
4
HPWW0218S HPWW0218SBK
20" (508)
• 73
25
9
5
HPWW0220S HPWW0220SBK
22" (559)
73
27
12
5
HPWW0222S HPWW0222SBK
24" (610)
• 75
31
12
5
HPWW0224S HPWW0224SBK
26" (660)
73
33
13
6
HPWW0226S HPWW0226SBK
28" (711)
73
35
14
6
HPWW0228S HPWW0228SBK
30" (762)
70
38
15
6
HPWW0230S HPWW0230SBK
32" (813)
70
39
16
6
HPWW0232S HPWW0232SBK
4" Deep Tray
4" (102)
49
12
2
4
HPWW0404S HPWW0404SBK
6" (152)
• 49
13
3
5
HPWW0406S HPWW0406SBK
8" (203)
• 78
15
4
6
HPWW0408S HPWW0408SBK
12" (305)
• 78
23
6
6
HPWW0412S HPWW0412SBK
16" (406)
• 108 27
7
7
HPWW0416S HPWW0416SBK
18" (457)
• 116 29
9
7
HPWW0418S HPWW0418SBK
20" (508)
• 116 31
9
7
HPWW0420S HPWW0420SBK
22" (559)
116
33
12
8
HPWW0422S HPWW0422SBK
24" (610)
• 116 35
12
8
HPWW0424S HPWW0424SBK
28" (711)
108
39
14
9
HPWW0428S HPWW0428SBK
6" Deep Tray
8" (203)
• 116 23
4
6
HPWW0608S HPWW0608SBK
12" (305)
• 123 27
6
6
HPWW0612S HPWW0612SBK
16" (406)
• 123 31
7
7
HPWW0616S HPWW0616SBK
18" (457)
• 127 33
9
7
HPWW0618S HPWW0618SBK
20" (508)
• 127 35
9
7
HPWW0620S HPWW0620SBK
22" (559)
• 127 37
12
8
HPWW0622S HPWW0622SBK
24" (610)
• 150 39
12
8
HPWW0624S HPWW0624SBK
8" Deep Tray
8" (203)
• 116 27
4
8
HPWW0808S HPWW0808SBK
12" (305)
• 116 31
6
8
HPWW0812S HPWW0812SBK
16" (406)
• 116 35
7
9
HPWW0816S HPWW0816SBK
18" (457)
• 116 37
9
9
HPWW0818S HPWW0818SBK
20" (508)
• 116 39
9
9
HPWW0820S HPWW0820SBK
•UL Classified/cUL Classified as equipment ground conductor.
Note: All dimensions are +/- 0.25". Custom paint colors available in addition to Black Powder Coat (Contact Hubbell).
Tee Fitting
Use one
HPWWCSP corner
splice per each
90° Sweep Elbow
Use appropriate
quantity of Splice Kits
2.38"
(60)
W
4"
(102)
W
6"
(152)
W
8"
(208)
W
Premise Wiring
®
5
Dimensions in Inches (mm)
Flattened
.03125 sq. inch
"Flat" Wire Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com