công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HPWWSSP08 bảng dữ liệu(PDF) 7 Page - Hubbell Incorporated.

tên linh kiện HPWWSSP08
Giải thích chi tiết về linh kiện  Wire Basket Tray System Cable Management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HUBBELL [Hubbell Incorporated.]
Trang chủ  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

HPWWSSP08 bảng dữ liệu(HTML) 7 Page - Hubbell Incorporated.

Back Button HPWWSSP08 Datasheet HTML 3Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 4Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 5Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 6Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 7Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 8Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 9Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 10Page - Hubbell Incorporated. HPWWSSP08 Datasheet HTML 11Page - Hubbell Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Accessories for Wire Basket Tray
Brackets*
Width
L-Bracket
C-Bracket
Shelf Support
Qty. per
Box
Weight
(lb/each)
Catalog No.
Qty. per
Box
Weight
(lb/each)
Catalog No.
Qty. per
Box
Weight
(lb/each)
Catalog No.
4" (102)
1
0.7
HPWWLBT04
1
1.2
HPWWCBT04 1
0.4
HPWWSSP04
6" (152)
1
0.8
HPWWLBT06
–
–
–
1
0.5
HPWWSSP06
8" (203)
1
0.9
HPWWLBT08
1
1.5
HPWWCBT08 1
0.6
HPWWSSP08
12" (305)
1
1.4
HPWWLBT12
1
2.0
HPWWCBT12 1
1.2
HPWWSSP12
16" (406)
1
1.5
HPWWLBT16
–
–
–
1
1.7
HPWWSSP16
18" (457)
1
1.7
HPWWLBT18
1
2.7
HPWWCBT18 1
1.9
HPWWSSP18
20" (508)
1
2.1
HPWWLBT20
–
–
–
1
2.6
HPWWSSP20
24" (610)
1
2.3
HPWWLBT24
–
–
–
1
3.2
HPWWSSP24
*Catalog numbers shown are for pre-galvanized accessories. Add "
BK" to the end of the part number for Black Finish.
Supports*
Width
Center Support
Ceiling Support
Trapeze Support
Qty. per
Box
Weight
(lb/each)
Catalog No.
Qty. per
Box
Weight
(lb/each)
Catalog No.
Qty. per
Box
Weight
(lb)
Catalog No.
4" (102)
1
1.6
HPWWCSP04
–
–
–
50
9.0/box
HPWWTZS
Attaches to the side of
the tray; for tray sizes
16" wide and smaller;
use in pairs
6" (152)
1
1.8
HPWWCSP06
–
–
–
8" (203)
1
2
HPWWCSP08
–
–
–
12" (305)
1
2.7
HPWWCSP12
1
1.1
HPWWGSP12
16" (406)
1
3.3
HPWWCSP16
1
1.5
HPWWGSP16
18" (457)
1
3.4
HPWWCSP18
1
1.6
HPWWGSP18
20" (508)
1
3.8
HPWWCSP20
1
1.9
HPWWGSP20
24" (610)
1
4.4
HPWWCSP24
1
1.9
HPWWGSP24
Splice Hardware*
Description
Weight (lb)
Catalog No.
Splice Kit
3 piece staked bolt/washer and nut combination; Splices straight sections and field
formed fittings;
50 pieces per box
5.0/box
HPWWSKT
Bar Splice
Slotted bar 11-15/16" long; Splices straight sections and fittings; Bend to form tray
reducers; Adds rigidity to tray splices;
50 pieces per box
14.0/box
HPWWBSP
Corner Splice
(2) 90° splice bars and (8) sets of the splice kit
Splices Fittings
Use one per each Tee Fitting; Use two per each Cross Fitting
1.0 each
HPWWCSP
Washer Support
Splices straight sections and fittings and can also be used as a hold down method for
tray to strut (Nut and bolt provided separately);
50 pieces per box
6.0/box
HPWWWST
Grounding Kit
Provides additional supplemental grounding for basket tray splices. May be specified
in addition to the standard method of splicing basket tray using HPWWSKT splice kits.
Kit includes five 9" #6 AWG copper leads and ten split bolts.
1.5 each
HGRKTWB5
Premise Wiring
®
7
Dimensions in Inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com