công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC24F08KA102 bảng dữ liệu(PDF) 57 Page - Microchip Technology

tên linh kiện PIC24F08KA102
Giải thích chi tiết về linh kiện  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F08KA102 bảng dữ liệu(HTML) 57 Page - Microchip Technology

Back Button PIC24F08KA102 Datasheet HTML 53Page - Microchip Technology PIC24F08KA102 Datasheet HTML 54Page - Microchip Technology PIC24F08KA102 Datasheet HTML 55Page - Microchip Technology PIC24F08KA102 Datasheet HTML 56Page - Microchip Technology PIC24F08KA102 Datasheet HTML 57Page - Microchip Technology PIC24F08KA102 Datasheet HTML 58Page - Microchip Technology PIC24F08KA102 Datasheet HTML 59Page - Microchip Technology PIC24F08KA102 Datasheet HTML 60Page - Microchip Technology PIC24F08KA102 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 78 page
background image
Optional Debug Headers
 2006-2012 Microchip Technology Inc.
DS51292T-page 57
AC244043, AC244044
Header Identification
The header AC number is used for ordering the header. However, this number is not
on the debug header, as the board is often used for multiple headers by inserting dif-
ferent ICE/ICD devices. To identify this debug header, use the following information.
Header Setup and Operation
For this header, there are no jumpers/switches. MPLAB IDE will use its selected device
to choose the correct device to emulate.
Header Limitations
See the “Limitations” section in your debug tool online Help file for details.
Header
ICE/ICD Device
Board Assembly Number
AC244043
PIC16F1829-ICE
02-02208
AC244044
PIC16LF1829-ICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78