công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC24F08KA102 bảng dữ liệu(PDF) 51 Page - Microchip Technology

tên linh kiện PIC24F08KA102
Giải thích chi tiết về linh kiện  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F08KA102 bảng dữ liệu(HTML) 51 Page - Microchip Technology

Back Button PIC24F08KA102 Datasheet HTML 47Page - Microchip Technology PIC24F08KA102 Datasheet HTML 48Page - Microchip Technology PIC24F08KA102 Datasheet HTML 49Page - Microchip Technology PIC24F08KA102 Datasheet HTML 50Page - Microchip Technology PIC24F08KA102 Datasheet HTML 51Page - Microchip Technology PIC24F08KA102 Datasheet HTML 52Page - Microchip Technology PIC24F08KA102 Datasheet HTML 53Page - Microchip Technology PIC24F08KA102 Datasheet HTML 54Page - Microchip Technology PIC24F08KA102 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 78 page
background image
Optional Debug Headers
 2006-2012 Microchip Technology Inc.
DS51292T-page 51
Test points are available on this header to check the following:
Header Setup and Operation - AC244027
This Processor Extension Pak provides extra debugging capability not available on
PIC16LF727 production devices:
• 3 Address / Data breakpoints (1 Address only breakpoint on production devices)
• Data capture (Real Time Data Streaming)
• No user Flash resources needed for debugging
• No user RAM resources needed for debugging
• No user pins required
This header has jumpers available for MCLR pull-up and power LED control.
Test points are available on this header to check the following:
Header Limitations
See the “Limitations” section in your debug tool online Help file for details.
Header Dimensions
The figures below list the dimensions for the debug headers. Dimensions are design
values in inches.
If the length and/or width of the debug header is too large a footprint for the target
board, consider using stand-offs, transition sockets or other extenders in the header
connection socket to raise the header above the target.
Test Point
Signal
Test Point
Signal
Pin
Jumper
TP1
Vss
TP6
Vcap
RA0
J4
TP2
VDD
TP7
Vcap
RA5
J5
TP3
ICD Enable
TP8
Vcap
RA6
J6
TP4
VDD
TP5
Vss
Jumper
Setting
Function
J2
Open
Disable weak ICE MCLR pull-up resistor.
Short
Enable weak ICE MCLR pull-up resistor. This option
keeps the target program running even after the tool has
been disconnected from the header, i.e., the pin will not
float high.
J3
Open
Disable power LED indicator. This option saves power.
Short
Enable power LED indicator.
Test Point
Signal
Test Point
Signal
TP1
Vss
TP4
VDD
TP2
VDD
TP5
Vss
TP3
ICD Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78