| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24F08KA102 bảng dữ liệu(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F08KA102 bảng dữ liệu(HTML) 20 Page - Microchip Technology |
|
20 / 78 page ![]() Required Debug Headers DS51292T-page 20 2006-2012 Microchip Technology Inc. AC162066 Header Identification The header AC number is used for ordering the header. However, this number is not on the debug header, as the board is often used for multiple headers by inserting different ICE/ICD devices. To identify this debug header, use the following information. Header Setup and Operation For the PIC16F639 20-pin header, you will need to connect the jumper J3 as specified below. Header Limitations See the “Limitations” section in your debug tool online Help file for details. Header ICE/ICD Device Board Assembly Number AC162066 PIC16F636-ICD 02-01832 Tool Jumper J3 Function ® 1-2 Run/program as production device In-circuit debuggers, next generation in-circuit emulators 2-3 Run/program as ICD device |