| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24F08KA102 bảng dữ liệu(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F08KA102 bảng dữ liệu(HTML) 25 Page - Microchip Technology |
|
25 / 78 page ![]() Required Debug Headers 2006-2012 Microchip Technology Inc. DS51292T-page 25 Header Dimensions The figure below lists the dimensions for the debug header. Dimensions are design values in inches. If the length and/or width of the debug header is too large a footprint for the target board, consider using stand-offs, transition sockets or other extenders in the header connection socket to raise the header above the target. FIGURE 11: DIMENSIONS – AC244023, AC224024 Target Pin 1 Located on Bottom side of Header Dimensions are in inches Top 1.800 0.150 1.150 0.425 Side 0.165 Typical 0.062 Typical 0.260 Typical 8-pin SIL Connector (0.100 pin spacing) See Appendix B. “Debug Header Connections” for details. ICE Device |