| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ES9218PC bảng dữ liệu(PDF) 70 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9218PC bảng dữ liệu(HTML) 70 Page - ESS Technology,Inc |
|
70 / 101 page ![]() ES9218P Datasheet December 6, 2018 CONFIDENTIAL ADVANCE INFORMATION 1.8 ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801 70 Register 40: Programmable FIR RAM Address (0x28) Bits [7] [6:0] Mnemonic prog_coeff_stage prog_coeff_address Default 1’b0 7’d0 Bit Mnemonic Description [7] prog_coeff_stage Selects which stage of the filter to write. • 1’b0: selects stage 1 of the oversampling filter (default) • 1’b1: selects stage 2 of the oversampling filter [6:0] prog_coeff_address Selects the coefficient address when writing custom coefficients for the oversampling filter. See Programmable FIR filter for more information. |