| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADP5140WACCZ-R7 bảng dữ liệu(PDF) 101 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5140WACCZ-R7 bảng dữ liệu(HTML) 101 Page - Analog Devices |
|
101 / 128 page ![]() Data Sheet ADP5140 Rev. 0 | Page 101 of 128 Bits Bit Name Description Reset Access 8 SPI_FMT_ERR_INT_MASK Mask the SPI_FMT_ERR_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 7 SPI_RDD_ERR_INT_MASK Mask the SPI_RDD_ERR_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 6 SPI_CLK_ERR_INT_MASK Mask the SPI_CLK_ERR_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 5 SPI_ACCESS_FAIL_INT_MASK Mask the SPI_ACCESS_FAIL_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 4 SPI_ADDR_FAIL_INT_MASK Mask the SPI_ADDR_FAIL_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask 1: not mask. 3 SPI_CRC_FAIL_INT_MASK Mask the SPI_CRC_FAIL_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 2 QA_WD_FAIL_INT_MASK Mask the QA_WD_FAIL_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 1 WD1_FAIL_INT_MASK Mask the WD1_FAIL_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. 0 WD0_FAIL_INT_MASK Mask the WD0_FAIL_LATCH Bit on the STATUS Pin. 0x1 R/W 0: mask. 1: not mask. Table 74. OTHER1_INT_MASK, Register Address: 0x2078 Bits Bit Name Description Reset Access [31:19] RESERVED Reserved. 0x0 R 18 FB8_RECAP_SHORT_INT_MASK Mask the FB8_RECAP_SHORT_LATCH Bit on the STATUS Pin. 0x0 R/W 0: mask. 1: not mask. 17 VREG_GOOD_INT_MASK Mask the VREG_GOOD_LATCH Bit on the STATUS Pin. 0x0 R/W 0: mask. 1: not mask. 16 PIN_OPEN_FAULT_LDO7_INT_MASK Mask the PIN_OPEN_FAULT_LDO7_LATCH Bit on the STATUS Pin. 0x0 R/W 0: mask. 1: not mask. |