| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADP5140WACCZ-R7 bảng dữ liệu(PDF) 94 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5140WACCZ-R7 bảng dữ liệu(HTML) 94 Page - Analog Devices |
|
94 / 128 page ![]() ADP5140 Data Sheet Rev. 0 | Page 94 of 128 Table 68. OTHER1_FAULT_MASK, Register Address: 0x2060 Bits Bit Name Description Reset Access [31:19] RESERVED Reserved. 0x0 R 18 FB8_RECAP_SHORT_FAULT_MASK Mask the FB8_RECAP_SHORT_LATCH Bit on the FAULT Pin. 0x0 R/W 0: mask. 1: not mask. 17 VREG_GOOD_FAULT_MASK Mask the VREG_GOOD_LATCH Bit on the FAULT Pin. 0x0 R/W 0: mask. 1: not mask. 16 PIN_OPEN_FAULT_LDO7_FAULT_MASK Mask the PIN_OPEN_FAULT_LDO7_LATCH Bit on the FAULT Pin. 0x0 R/W 0: mask. 1: not mask. 15 PIN_OPEN_FAULT_LDO6_FAULT_MASK Mask the PIN_OPEN_FAULT_LDO6_LATCH Bit on the FAULT Pin. 0x0 R/W 0: mask. 1: not mask. 14 PIN_OPEN_FAULT_LDO5_FAULT_MASK Mask the PIN_OPEN_FAULT_LDO5_LATCH Bit on the FAULT Pin. 0x0 R/W 0: mask. 1: not mask. 13 PIN_OPEN_FAULT_LDO4_FAULT_MASK Mask the PIN_OPEN_FAULT_LDO4_LATCH Bit on the FAULT Pin. 0x0 R/W 0: mask. 1: not mask. 12 PIN_OPEN_FAULT_LDO3_FAULT_MASK Mask the PIN_OPEN_FAULT_LDO3_LATCH Bit on the FAULT Pin. 0x0 R/W 0: mask. 1: not mask. 11 PIN_OPEN_FAULT_LDO2_FAULT_MASK Mask the PIN_OPEN_FAULT_LDO2_LATCH Bit on the FAULT Pin. 0x0 R/W 0: mask. 1: not mask. 10 PIN_OPEN_FAULT_LDO1_FAULT_MASK Mask the PIN_OPEN_FAULT_LDO1_LATCH Bit on the FAULT Pin. 0x0 R/W 0: mask. 1: not mask. 9 PIN_OPEN_FAULT_BOOST_FAULT_MASK Mask the PIN_OPEN_FAULT_BOOST_LATCH Bit on the FAULT Pin. 0x0 R/W 0: mask. 1: not mask. 8 WAKE_FALLING_EVT_FAULT_MASK Mask the WAKE_FALLING_EVT_LATCH Bit on the FAULT Pin. 0x0 R/W 0: mask. 1: not mask. 7 SYS_REG_CRC_ERR_FAULT_MASK Mask the SYS_REG_CRC_ERR_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 6 TSD_FAULT_MASK Mask the TSD_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. |