| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADP5140WACCZ-R7 bảng dữ liệu(PDF) 65 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5140WACCZ-R7 bảng dữ liệu(HTML) 65 Page - Analog Devices |
|
65 / 128 page ![]() Data Sheet ADP5140 Rev. 0 | Page 65 of 128 Bits Bit Name Description Reset Access 12 VM0_UV_STATUS Status for the Undervoltage on VM0. 0x0 R 0: no undervoltage on VM0. 1: undervoltage on VM0. 11 VOUT11_UV_STATUS Status for the Undervoltage on Regulator 11. 0x0 R 0: no undervoltage on Regulator 11. 1: undervoltage on Regulator 11. 10 VOUT10_UV_STATUS Status for the Undervoltage on Regulator 10. 0x0 R 0: no undervoltage on Regulator 10. 1: undervoltage on Regulator 10. 9 VOUT9_UV_STATUS Status for the Undervoltage on Regulator 9. 0x0 R 0: no undervoltage on Regulator 9. 1: undervoltage on Regulator 9. 8 VOUT8_UV_STATUS Status for the Undervoltage on Regulator 8. 0x0 R 0: no undervoltage on Regulator 8. 1: undervoltage on Regulator 8. 7 VOUT7_UV_STATUS Status for the Undervoltage on Regulator 7. 0x0 R 0: no undervoltage on Regulator 7. 1: undervoltage on Regulator 7. 6 VOUT6_UV_STATUS Status for the Undervoltage on Regulator 6. 0x0 R 0: no undervoltage on Regulator 6. 1: undervoltage on Regulator 6. 5 VOUT5_UV_STATUS Status for the Undervoltage on Regulator 5. 0x0 R 0: no undervoltage on Regulator 5. 1: undervoltage on Regulator 5. 4 VOUT4_UV_STATUS Status for the Undervoltage on Regulator 4. 0x0 R 0: no undervoltage on Regulator 4. 1: undervoltage on Regulator 4. 3 VOUT3_UV_STATUS Status for the Undervoltage on Regulator 3. 0x0 R 0: no undervoltage on Regulator 3. 1: undervoltage on Regulator 3. 2 VOUT2_UV_STATUS Status for the Undervoltage on Regulator 2. 0x0 R 0: no undervoltage on Regulator 2. 1: undervoltage on Regulator 2. 1 VOUT1_UV_STATUS Status for the Undervoltage on Regulator 1. 0x0 R 0: no undervoltage on Regulator 1. 1: undervoltage on Regulator 1. 0 VOUT12_UV_STATUS Status for the Undervoltage on Regulator 12. 0x0 R 0: no undervoltage on Regulator 12. 1: undervoltage on Regulator 12. |