| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADP5140WACCZ-R7 bảng dữ liệu(PDF) 68 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5140WACCZ-R7 bảng dữ liệu(HTML) 68 Page - Analog Devices |
|
68 / 128 page ![]() ADP5140 Data Sheet Rev. 0 | Page 68 of 128 Table 48. OT_STATUS, Register Address: 0x2010 Bits Bit Name Description Reset Access [31:12] RESERVED Reserved. 0x0 R 11 VOUT12_OT_STATUS Overtemperature Status on Regulator 12. 0x0 R 0: no overtemperature on Regulator 12. 1: overtemperature on Regulator 12. 10 VOUT4_OT_STATUS Overtemperature Status on Regulator 4. 0x0 R 0: no overtemperature on Regulator 4. 1: overtemperature on Regulator 4. 9 VOUT3_OT_STATUS Overtemperature Status on Regulator 3. 0x0 R 0: no overtemperature on Regulator 3. 1: overtemperature on Regulator 3. 8 VOUT2_OT_STATUS Overtemperature Status on Regulator 2. 0x0 R 0: no overtemperature on Regulator 2. 1: overtemperature on Regulator 2. 7 VOUT1_OT_STATUS Overtemperature Status on Regulator 1. 0x0 R 0: no overtemperature on Regulator 1. 1: over temperature on Regulator 1. 6 VOUT11_OT_STATUS Overtemperature Status on Regulator 11. 0x0 R 0: no overtemperature on Regulator 11. 1: overtemperature on Regulator 11. 5 VOUT10_OT_STATUS Overtemperature Status on Regulator 10. 0x0 R 0: no overtemperature on Regulator 10. 1: overtemperature on Regulator 10. 4 VOUT9_OT_STATUS Overtemperature Status on Regulator 9. 0x0 R 0: no overtemperature on Regulator 9. 1: overtemperature on Regulator 9. 3 VOUT8_OT_STATUS Overtemperature Status on Regulator 8. 0x0 R 0: no overtemperature on Regulator 8. 1: overtemperature on Regulator 8. 2 VOUT7_OT_STATUS Overtemperature Status on Regulator 7. 0x0 R 0: no overtemperature on Regulator 7. 1: overtemperature on Regulator 7. 1 VOUT6_OT_STATUS Overtemperature Status on Regulator 6. 0x0 R 0: no overtemperature on Regulator 6. 1: overtemperature on Regulator 6. 0 VOUT5_OT_STATUS Overtemperature Status on Regulator 5. 0x0 R 0: no overtemperature on Regulator 5. 1: overtemperature on Regulator 5. |