| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSO32 bảng dữ liệu(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSO32 bảng dữ liệu(HTML) 65 Page - STMicroelectronics |
|
65 / 153 page ![]() DocID032891 Rev 1 65/153 LSM6DSO32 Register description 153 9.9 INT1_CTRL (0Dh) INT1 pin control register (r/w) Each bit in this register enables a signal to be carried over INT1 when the MIPI I3CSM dynamic address is not assigned (I²C or SPI is used). Some bits can be also used to trigger an IBI (In-Band Interrupt) when the MIPI I3CSM interface is used. The output of the pin will be the OR combination of the signals selected here and in MD1_CFG (5Eh). Table 38. INT1_CTRL register description Table 37. INT1_CTRL register DEN_ DRDY_ flag INT1_CNT _BDR INT1_ FIFO _FULL INT1_ FIFO_ OVR INT1_ FIFO_TH INT1_ BOOT INT1_ DRDY_G INT1_ DRDY_XL DEN_DRDY_flag Sends DEN_DRDY (DEN stamped on Sensor Data flag) to INT1 pin INT1_CNT_ BDR Enables COUNTER_BDR_IA interrupt on INT1 INT1_FIFO_FULL Enables FIFO full flag interrupt on INT1 pin. It can be also used to trigger an IBI when the MIPI I3CSM interface is used. INT1_FIFO_OVR Enables FIFO overrun interrupt on INT1 pin. It can be also used to trigger an IBI when the MIPI I3CSM interface is used. INT1_FIFO_TH Enables FIFO threshold interrupt on INT1 pin. It can be also used to trigger an IBI when the MIPI I3CSM interface is used. INT1_BOOT Enables boot status on INT1 pin INT1_ DRDY_G Enables gyroscope data-ready interrupt on INT1 pin. It can be also used to trigger an IBI when the MIPI I3CSM interface is used. INT1_ DRDY_XL Enables accelerometer data-ready interrupt on INT1 pin. It can be also used to trigger an IBI when the MIPI I3CSM interface is used. |