| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
COM90C66 bảng dữ liệu(PDF) 8 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
COM90C66 bảng dữ liệu(HTML) 8 Page - SMSC Corporation |
|
8 / 76 page ![]() 8 FIGURE 1 - COM90C66 OPERATION Invitation to Transmit to this ID? Y N Free Buffer Enquiry to this ID? SOH? Y N Y N RI? Write SID to Buffer DID =0? DID =ID? Write Buffer with Packet CRC OK? LENGTH OK? DID =0? DID =ID? SEND ACK N Y N Y N Y N Broadcast Enabled? N Y N No Activity for 82 uS? Y N Set NID=ID Start Timer: T=(255-ID) Activity On Line? Y N T=0? Set RI RI? Transmit NAK Transmit ACK Set NID=ID Write ID to RAM Buffer Send Reconfigure Burst Power On Reconfigure Timer has Timed Out Start Reconfiguration Timer (840 mS) TA? Broadcast? Transmit Free Buffer Enquiry No Activity Pass the Token Set TA Y N ACK? NAK? No Activity N Y Increment NID Send Packet Was Packet Broadcast? No Activity N ACK? Set TMA Set TA x 146 us for 74.7 us? for 74.7 us? for 74.7 us? Y N N Y Y N N Y N N N N 1 Y Y Y Y Y Y Y N Y Read ID* From Switches 1 *The ID set by the external switches is continually sampled during COM90C66 operation. - ID refers to the identification number of the ID assigned to this node. - NID refers to the next identification number that receives the token after this ID passes it. - SID refers to the source identification. - DID refers to the destination identification - SOH refers to the start of header charcter; preceeds all data packets. |