công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPSB081 bảng dữ liệu(PDF) 118 Page - STMicroelectronics

tên linh kiện SPSB081
Giải thích chi tiết về linh kiện  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 bảng dữ liệu(HTML) 118 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 114Page - STMicroelectronics SPSB081 Datasheet HTML 115Page - STMicroelectronics SPSB081 Datasheet HTML 116Page - STMicroelectronics SPSB081 Datasheet HTML 117Page - STMicroelectronics SPSB081 Datasheet HTML 118Page - STMicroelectronics SPSB081 Datasheet HTML 119Page - STMicroelectronics SPSB081 Datasheet HTML 120Page - STMicroelectronics SPSB081 Datasheet HTML 121Page - STMicroelectronics SPSB081 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 135 page
background image
Bit
Name
Description
•
access to undefined address
•
Write operation to status register
•
DI stuck at '0' or '1'
•
CSN timeout
•
Parity failure
•
invalid or undefined setting
The SPI frame is ignored
Bit is latched until a “Read and clear” command
10
SPI SCK CNT
SPI clock counter
‘1’ indicates that an SPI frame with the wrong number of CLK cycles was detected
Bit is latched until a valid SPI frame
9
V1_OV
V1 overvoltage
‘1’ indicates the voltage at V1 has reached the overvoltage threshold
Bit is latched until a “Read and clear” command
8
TW
Thermal warning
‘1’ indicates that the temperature has reached the thermal warning threshold
Bit is latched until a “Read and clear” command
7
V2SC
V2 short circuit detection
‘1’ indicates that a short circuit to GND condition of V2 at turn-on of the regulator
(V2 < V2_fail for t > tv2_short)
Bit is latched until a “Read and clear” command
6
V2FAIL
V2 failure detection
‘1’ indicates that a V2 fail event occurred since last readout
(V2 < V2_fail for t > tv2_fail)
Bit is latched until a “Read and clear” command
5
V1FAIL
V1 failure detection
‘1’ indicates that a V1 fail event occurred since last readout
(V1 < V1_fail for t > tv1_fail)
Bit is latched until a “Read and clear” command
4
RES
Reserved
3
VSREG_OV
VSREG overvoltage
‘1’ indicates that the voltage at VSREG has reached the overvoltage threshold
Bit is latched until a “Read and clear” command
2
VSREG_UV
VSREG undervoltage
‘1’ indicates that the voltage at VSREG has reached the undervoltage threshold
Bit is latched until a “Read and clear” command
1
VS_OV
Vs overvoltage
‘1’ indicates that the voltage at Vs has reached the overvoltage threshold
Bit is latched until a “Read and clear” command
0
VS_UV
Vs undervoltage
‘1’ indicates that the voltage at Vs has reached the undervoltage threshold
Bit is latched until a “Read and clear” command
SPSB081
Status registers
DS14048 - Rev 1
page 118/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com