công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPSB081 bảng dữ liệu(PDF) 117 Page - STMicroelectronics

tên linh kiện SPSB081
Giải thích chi tiết về linh kiện  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 bảng dữ liệu(HTML) 117 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 113Page - STMicroelectronics SPSB081 Datasheet HTML 114Page - STMicroelectronics SPSB081 Datasheet HTML 115Page - STMicroelectronics SPSB081 Datasheet HTML 116Page - STMicroelectronics SPSB081 Datasheet HTML 117Page - STMicroelectronics SPSB081 Datasheet HTML 118Page - STMicroelectronics SPSB081 Datasheet HTML 119Page - STMicroelectronics SPSB081 Datasheet HTML 120Page - STMicroelectronics SPSB081 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 135 page
background image
Table 115. Status register SR2 (0x32)
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Access
R&C
R
R&
C
R
R&C
R
R&C
Table 116. SR2 description
Bit
Name
Description
23
LIN_PERM_DOM
LIN bus signal is dominant for t > Tdom(bus)
Bit is latched until a “Read and clear” command
22
LIN_TXD_DOM
TxD_L pin is dominant for t > tdom(TXDL)
The LIN transmitter is disabled until the bit is cleared
Bit is latched until a “Read and clear” command
21
LIN_PERM_REC
LIN bus signal does not follow TxD_L within tLIN
The LIN transmitter is disabled until the bit is cleared
Bit is latched until a “Read and clear” command
20
CAN_RXD_REC
RxD_C has not followed TxD_C for 4 times
The CAN transmitter is disabled until the bit is cleared
Bit is latched until a “Read and clear” command
19
CAN_PERM_REC
CAN bus signal did not follow TxD_C for 4 times
The CAN transmitter is disabled until the bit is cleared
Bit is latched until a “Read and clear” command
18
CAN_PERM_DOM
CAN bus signal is dominant for t > tCAN
Bit is latched until a “Read and clear” command
17
CAN_TXD_ DOM
TxD_C pin is dominant for t > tdom(TXDC)
The CAN transmitter is disabled until the bit is cleared
Bit is latched until a “Read and clear” command
16
CANTO
CAN communication timeout
Bit is set if there is no communication on the bus for t > tSilence
CANTO indicates that there was a transition from BIASON to BIASOFF
Bit is latched until a read and clear access
15
FORCED_SLEEP_V1
OV
Device entered forced sleep mode due to an overvoltage occurrence on V1
Bit is latched until a “Read and clear” command
14
RES
Reserved
13
RES
Reserved
12
RES
Reserved
11
SPI INV CMD
Invalid SPI command
‘1’ indicates one of the following conditions was detected:
SPSB081
Status registers
DS14048 - Rev 1
page 117/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com