| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPSB081 bảng dữ liệu(PDF) 100 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB081 bảng dữ liệu(HTML) 100 Page - STMicroelectronics |
|
100 / 135 page ![]() Bit Name Description 1 1 0 Off 1 1 1 Off Table 81. Control register CR6 (0x06) 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Bit name Access 0 (R) 1 (R/ W) 0 (R/W) Table 82. CR6 signals description Bit Name Description. 23 RES Reserved 22 RES Reserved 21 RES Reserved 20 RES Reserved 19 RES Reserved 18 RES Reserved 17 RES Reserved 16 RES Reserved 15 RES Reserved 14 RES Reserved 13 RES Reserved 12 RES Reserved 11 RES Reserved 10 RES Reserved 9 RES Reserved 8 RES Reserved 7 RES Reserved 6 RES Reserved 5 CM Current monitor: 0 off (tristate) 1 on (default) 3 RES Reserved 4 RES Reserved 2 RES Reserved 1 CM SEL_1 A current image of the selected binary coded output is multiplexed to the CM output. CM SEL_1, 0, Selected Output: 0 0 OUT1 (default) 0 1 OUT2 0 CM SEL_0 SPSB081 Control registers DS14048 - Rev 1 page 100/135 |