công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9300 bảng dữ liệu(PDF) 161 Page - STMicroelectronics

tên linh kiện L9300
Giải thích chi tiết về linh kiện  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 bảng dữ liệu(HTML) 161 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 157Page - STMicroelectronics L9300 Datasheet HTML 158Page - STMicroelectronics L9300 Datasheet HTML 159Page - STMicroelectronics L9300 Datasheet HTML 160Page - STMicroelectronics L9300 Datasheet HTML 161Page - STMicroelectronics L9300 Datasheet HTML 162Page - STMicroelectronics L9300 Datasheet HTML 163Page - STMicroelectronics L9300 Datasheet HTML 164Page - STMicroelectronics L9300 Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 182 page
background image
Figure 68. Analog trimming mask concept
GADG2707170800PS
Diagnostic comparators
The off-state diagnostic comparators have analog self test implemented to detect latent faults. Self test structure
is shown in the next figure and it can be enabled through dedicated SPI bit, independent of each channel, only
if the off state diagnostic is kept disabled. Once triggered, the self test is kept active until SPI bit removal or until
enable of off state diagnostic; if analog self test fails a warning flag is set in the Exception registers, while off state
diagnostic output is masked.
Figure 69. Diagnostic analog self test basic implementation
L9300
Valve drivers
DS12258 - Rev 4
page 161/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More