| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9300 bảng dữ liệu(PDF) 158 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9300 bảng dữ liệu(HTML) 158 Page - STMicroelectronics |
|
158 / 182 page ![]() Figure 65. Oscillator monitor GADG2407171540PS 17.2.2 GND Loss Comparators Ground loss comparators are monitored against latent fault through analog self-test. Self-test is automatically performed after analog trimming data download from EEPROM has been completed. In case of fault the dedicated warning flag is set to “high” in the Temperature sensor register. Structure of the analog self test is shown in the next figure. Figure 66. diagnostic analog self test basic implementation No fault Fault condition GADG2407171549PS L9300 Internal supply monitor DS12258 - Rev 4 page 158/182 |