| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9300 bảng dữ liệu(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9300 bảng dữ liệu(HTML) 86 Page - STMicroelectronics |
|
86 / 182 page ![]() Figure 51. Monodirectional Timing check evolution Answer T_Valid_Answ_Start T_Answ_Timeout T_Valid_Answ_End T_start_REQ T_Answ_Timeout T_Valid_Answ_Start T_start_REQ T_Valid_Answ_End Request Answer GADG0408171055PS Figure 52. Bidirectional Timing check evolution Answer Request Answer Request GADG0408171102PS T_Answ_TimeOut T_Valid_Answ_Start T_start_REQ T_Valid_Answ_End T_start_ANSW T_Valid_Req_Start T_Valid_Req_End T_Req_TimeOut Table 52. Timing parameter legenda Timing parameter Description T_start_REQ Micro reads, through SPI register seed to elaborated T_Valid_Answ_Start Starting time interval for Valid answers T_Valid_Answ_End Ending time interval for Valid answers T_Answ_TimeOut Time out for answer T_start_ANSW Micro sends, through SPI register answer to the ASIC T_Valid_Req_Start Starting time interval for next following request T_Valid_Req_End Ending time interval for next following request T_Req_TimeOut Time out for request When the Micro finishes its boot procedures, it sends the first Seed request to the device. From this moment all the timing counters start and cannot be stopped. The Watchdog Time base is based on the WD frequency of about 250 kHz (clk_4us = SYS_CLK/64). Because of the resynchronization of the internal signals, the latency between the Answer received and the update of the WD_Cnt_value is up to 4* clk_4 µs. The clock used for the timing windows is a divided version of clk_4us in order to obtain a timing resolution of WD_CLK equal to 64 μs or 256 μs depending on the WD_CLK_DIV settings. L9300 Q&A watchdog functional description DS12258 - Rev 4 page 86/182 |