công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9300 bảng dữ liệu(PDF) 51 Page - STMicroelectronics

tên linh kiện L9300
Giải thích chi tiết về linh kiện  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 bảng dữ liệu(HTML) 51 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 47Page - STMicroelectronics L9300 Datasheet HTML 48Page - STMicroelectronics L9300 Datasheet HTML 49Page - STMicroelectronics L9300 Datasheet HTML 50Page - STMicroelectronics L9300 Datasheet HTML 51Page - STMicroelectronics L9300 Datasheet HTML 52Page - STMicroelectronics L9300 Datasheet HTML 53Page - STMicroelectronics L9300 Datasheet HTML 54Page - STMicroelectronics L9300 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 182 page
background image
10
Valve drivers
10.1
Solenoid driver
10.1.1
Solenoid driver functional description
The device provides 6 current control channels. Each channel includes the driving transistor, the recirculation
transistor and the current sensing structure and can work in low–side driving mode with high–side recirculation or
in high–side driving mode with low–side recirculation, as reported in Figure 27.
The LS or HS mode is configured through an SPI bit.
If HS_config_x = 0 (default) low–side mode is enabled (the load is connected to VS), if HS_config_x = 1, high–
side mode is activated (the load is connected to ground).
Channels can be configured independently as high–side or low–side, however channel configuration is managed
by channel pairs and on a single pair not all the configurations are possible: in case HS/LS configuration is
needed the first channel must be LS and the second channel HS.
Table 28. First and second channel configurations
First channel configuration
Second channel configuration
HS
HS
Allowed
LS
HS
Allowed
HS
LS
Forbidden
LS
LS
Allowed
The microcontroller can inhibit solenoid activation by means of the EN_DR input pin: if this pin is kept low the
solenoid is kept in disable condition; to avoid spurious event on EN_DR input pin, a de-glitch filter is present.
L9300
Valve drivers
DS12258 - Rev 4
page 51/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com