| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMK04832PAP/EM bảng dữ liệu(PDF) 45 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMK04832PAP/EM bảng dữ liệu(HTML) 45 Page - Texas Instruments |
|
45 / 103 page ![]() 8.6.2.2.2 DCLKX_Y_DDLY This register controls the digital delay for the device clock outputs. Table 8-17. DCLKX_Y_DDLY Field Registers MSB LSB 0x0102[2:3] = DCLK0_1_DDLY[9:8] 0x101[7:0] = DCLK0_1_DDLY[7:0] 0x010A[2:3] = DCLK2_3_DDLY[9:8] 0x109[7:0] = DCLK2_3_DDLY[7:0] 0x0112[2:3] = DCLK4_5_DDLY[9:8] 0x111[7:0] = DCLK4_5_DDLY[7:0] 0x011A[2:3] = DCLK6_7_DDLY[9:8] 0x119[7:0] = DCLK6_7_DDLY[7:0] 0x0122[2:3] = DCLK8_9_DDLY[9:8] 0x121[7:0] = DCLK8_9_DDLY[7:0] 0x012A[2:3] = DCLK10_11_DDLY[9:8] 0x129[7:0] = DCLK10_11_DDLY[7:0] 0x0132[2:3] = DCLK12_13_DDLY[9:8] 0x131[7:0] = DCLK12_13_DDLY[7:0] Table 8-18. Registers 0x101, 0x109, 0x111, 0x119, 0x121, 0x129, 0x131 0x102, 0x10A, 0x112, 0x11A, 0x122, 0x12A, 0x132 REGISTER BIT NAME POR DEFAULT DESCRIPTION 0x102, 0x10A, 0x112, 0x11A, 0x122, 0x12A, 0x132 2:3 DCLKX_Y_DDLY[9:8] 10 (0x0A) Static digital delay which takes effect after a SYNC. 0x101, 0x109, 0x111, 0x119, 0x121, 0x129, 0x131 7:0 DCLKX_Y_DDLY[7:0] Field Value Delay Values 0 (0x00) Reserved 1 (0x01) Reserved ... ... 7 (0x07) Reserved 8 (0x08) 8 9 (0x09) 9 ... ... 1022 (0x3FE) 1022 1023 (0x3FF) 1023 Depending on the DCLK divide value, there may be an adjustment in phase delay required. Table 8-19 illustrate the impact of different divide values on the final digital delay. Table 8-19. Digital Delay Adjustment based on Divide Values DIVIDE VALUE DIGITAL DELAY ADJUSTMENT 2, 3 –2(1) 4, 7 to 1023 0 5 +2 6 +1 (1) Before SYNC, program divider to Divide-by-4, then back to Divide-by-2 or Divide-by-3 to ensure '-2' delay relationship. For example, Table 8-20 shows a system with clock outputs having divide values /2,/4,/5 and /6 to share a common edge. Table 8-20. Digital Delay Adjustment Illustration DIVIDE VALUE PROGRAMMED DDLY ACTUAL DDLY 2 13 11 4 11 11 5 8 11 6 10 11 www.ti.com LMK04832-SEP SNAS838 – OCTOBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 45 Product Folder Links: LMK04832-SEP |