công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMK04832PAP/EM bảng dữ liệu(PDF) 34 Page - Texas Instruments

tên linh kiện LMK04832PAP/EM
Giải thích chi tiết về linh kiện  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM bảng dữ liệu(HTML) 34 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 30Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 31Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 32Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 33Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 34Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 35Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 36Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 37Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 103 page
background image
8.3.8.3 Exiting Holdover
Holdover mode can be exited in one of two ways.
• Manually, by programming the device from the host.
• Automatically, when the LOS signal unasserts for a clock that provides a valid input to PLL1.
8.3.8.4 Holdover Frequency Accuracy and DAC Performance
When in holdover mode, PLL1 runs in open loop and the DAC sets the CPout1 voltage. If fixed CPout1 mode
is used, then the output of the DAC is dependent upon the MAN_DAC register. If tracked CPout1 mode is used,
then the output of the DAC is approximately the same voltage at the CPout1 pin before holdover mode was
entered. When using Tracked mode and MAN_DAC_EN = 1, the DAC value during holdover is loaded with the
programmed value in MAN_DAC and not the tracked value.
When in Tracked CPout1 mode, the DAC has a worst-case tracking error of ±2 LSBs once PLL1 tuning voltage
is acquired. The step size is approximately 3.2 mV, therefore the VCXO frequency error during holdover mode
caused by the DAC tracking accuracy is ±6.4 mV × Kv, where Kv is the tuning sensitivity of the VCXO in use.
Therefore, the accuracy of the system when in holdover mode in ppm is:
Holdover accuracy (ppm) =
± 6.4 mV × Kv × 1e6
VCXO Frequency
(2)
As an example, consider a system with a 19.2-MHz clock input, a 153.6-MHz VCXO with a Kv of 17 kHz/V. The
accuracy of the system in holdover in ppm is:
±0.71 ppm = ±6.4 mV × 17 kHz/V × 1e6 / 153.6 MHz
(3)
It is important to account for this frequency error when determining the allowable frequency error window to
cause holdover mode to exit.
8.3.9 PLL2 Loop Filter
PLL2 has an integrated loop filter of C1i = 60 pF, R3 = 2400 Ω, C3 = 50 pF, R4 = 200 Ω and C4 = 10 pF
as shown in Figure 8-9. Loop filter components C1, C2, and R2 can be solved using TI software. See Device
Support for more information.
Figure 8-9. PLL2 On-Chip Loop Filter
LMK04832-SEP
SNAS838 – OCTOBER 2022
www.ti.com
34
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com