| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A22Z-R bảng dữ liệu(PDF) 33 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22Z-R bảng dữ liệu(HTML) 33 Page - Omron Electronics LLC |
|
33 / 52 page ![]() A22E 33 Ordering Information List of Models (Completely Assembled) Non-lighted Models (Without EMO/EMS Indication) *1. The number in parentheses ( ) indicates the number of switch units. *2. Models with Korean S-mark certification Note: Yellow cap models are also available (not for emergency stop use). Contact your OMRON representative. Non-lighted Models (With EMO/EMS Indication) *1. The number in parentheses ( ) indicates the number of switch units. *2. Models with Korean S-mark certification Note: The colors of switch blocks are as follows: NO (a-contact): Black NC (b-contact): Red The above illustration shows the 2NC (2b-contact) configuration. Appearance Operation Degree of Protection Contact configuration *1 Set Model Color of cap 40-dia. head Medium Pull-reset A22E-MP IP65 oil-resistant models 1NC (1) A22E-MP-01 Red 1NC, 1NO (2) A22E-MP-11 2NC (2) A22E-MP-02 30-dia. head Small Turn-reset A22E-S 1NC (1) A22E-S-01 *2 1NC, 1NO (2) A22E-S-11 *2 2NC (2) A22E-S-02 *2 2NC, 1NO (3) A22E-S-12 *2 3NC (3) A22E-S-03 *2 40-dia. head Medium Turn-reset A22E-M 1NC (1) A22E-M-01 *2 1NC, 1NO (2) A22E-M-11 *2 2NC (2) A22E-M-02 *2 2NC, 1NO (3) A22E-M-12 *2 3NC (3) A22E-M-03 *2 60-dia. head Large Turn-reset A22E-L 1NC (1) A22E-L-01 *2 1NC, 1NO (2) A22E-L-11 *2 2NC (2) A22E-L-02 *2 Appearance Operation Degree of Protection Contact configuration *1 Set Model Color of cap 40-dia. head Medium Turn-reset With EMO Indication IP65 oil-resistant models 1NC (1) A22E-M-01-EMO *2 Red A22E-M-01-EMO-RD 1NC, 1NO (2) A22E-M-11-EMO *2 A22E-M-11-EMO-RD 2NC (2) A22E-M-02-EMO *2 A22E-M-02-EMO-RD 2NC, 1NO (3) A22E-M-12-EMO *2 A22E-M-12-EMO-RD 3NC (3) A22E-M-03-EMO *2 A22E-M-03-EMO-RD 40-dia. head Medium Turn-reset With EMS Indication 1NC (1) A22E-M-01-EMS *2 A22E-M-01-EMS-RD 1NC, 1NO (2) A22E-M-11-EMS *2 A22E-M-11-EMS-RD 2NC (2) A22E-M-02-EMS *2 A22E-M-02-EMS-RD 2NC, 1NO (3) A22E-M-12-EMS *2 A22E-M-12-EMS-RD 3NC (3) A22E-M-03-EMS *2 A22E-M-03-EMS-RD |