| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A22Z-R bảng dữ liệu(PDF) 17 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22Z-R bảng dữ liệu(HTML) 17 Page - Omron Electronics LLC |
|
17 / 52 page ![]() A22NE-P 17 Ordering Information List of Models (Completely Assembled) Non-lighted Models * The number in parentheses ( ) indicates the number of switch units. Lighted Model * The number in parentheses ( ) indicates the number of switch units. Switch with Integrated Control Box Appearance Operation Degree of Protection Contact configuration * Set Model Color of cap 40-dia. head Medium Pull-reset A22NE-MP-P @@2-N IP65 oil-resistant models 1NC (1) A22NE-MP-P002-N Red 1NC, 1NO (2) A22NE-MP-P102-N 2NC (2) A22NE-MP-P202-N 2NC, 1NO (3) A22NE-MP-P212-N 3NC (3) A22NE-MP-P222-N 40-dia. head Medium Pull-reset A22NE-MP-P @@2-N-69K IP69K 1NC (1) A22NE-MP-P002-N-69K 1NC, 1NO (2) A22NE-MP-P102-N-69K 2NC (2) A22NE-MP-P202-N-69K 2NC, 1NO (3) A22NE-MP-P212-N-69K 3NC (3) A22NE-MP-P222-N-69K 30-dia. head Small Turn-reset A22NE-S-P @@2-N IP65 oil-resistant models 1NC (1) A22NE-S-P002-N 1NC, 1NO (2) A22NE-S-P102-N 2NC (2) A22NE-S-P202-N 2NC, 1NO (3) A22NE-S-P212-N 3NC (3) A22NE-S-P222-N 40-dia. head Medium Turn-reset A22NE-M-P @@2-N 1NC (1) A22NE-M-P002-N 1NC, 1NO (2) A22NE-M-P102-N 2NC (2) A22NE-M-P202-N 2NC, 1NO (3) A22NE-M-P212-N 3NC (3) A22NE-M-P222-N 60-dia. head Large Turn-reset A22NE-L-P @@2-N 1NC (1) A22NE-L-P002-N 1NC, 1NO (2) A22NE-L-P102-N 2NC (2) A22NE-L-P202-N 2NC, 1NO (3) A22NE-L-P212-N 3NC (3) A22NE-L-P222-N Appearance Operation Degree of Protection Contact configuration * LED lamp voltage Set Model Color of cap 40-dia. head Medium Turn-reset A22NE-M-P @@2-A IP65 1NC (1) 6 VAC/VDC A22NE-M-P002-A Red 1NC, 1NO (2) A22NE-M-P102-A 2NC (2) A22NE-M-P202-A 40-dia. head Medium Turn-reset A22NE-M-P @@2-B 1NC (1) 12 VAC/VDC A22NE-M-P002-B 1NC, 1NO (2) A22NE-M-P102-B 2NC (2) A22NE-M-P202-B 40-dia. head Medium Turn-reset A22NE-M-P @@2-C 1NC (1) 24 VAC/VDC A22NE-M-P002-C 1NC, 1NO (2) A22NE-M-P102-C 2NC (2) A22NE-M-P202-C 40-dia. head Medium Turn-reset A22NE-M-P @@2-D 1NC (1) 100, 110, 120 VAC A22NE-M-P002-D 1NC, 1NO (2) A22NE-M-P102-D 2NC (2) A22NE-M-P202-D 40-dia. head Medium Turn-reset A22NE-M-P @@2-E 1NC (1) 220, 230, 240 VAC A22NE-M-P002-E 1NC, 1NO (2) A22NE-M-P102-E 2NC (2) A22NE-M-P202-E Appearance Contact configuration (Number of switch blocks) Model 1NC (1) A22NE-M-P002-N-B 1NC, 1NO (2) A22NE-M-P102-N-B 2NC (2) A22NE-M-P202-N-B |