| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A22Z-R bảng dữ liệu(PDF) 7 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22Z-R bảng dữ liệu(HTML) 7 Page - Omron Electronics LLC |
|
7 / 52 page ![]() A22NE-PD 7 Terminal Arrangement (BOTTOM VIEW) Terminal Arrangement Note: The terminal arrangement shows the representative. It depends on the number of contacts in the series. Non-lighted Lighted Terminal arrangement The switch terminal is same as that in the non-lighted models. Indicates the terminals for lighting (X1-X2). (Example: Four contacts (4NC) Lighted models) Type Terminal Arrangement (BOTTOM VIEW) 1NC, 1NO (two contacts) 2NC, 2NO (four contacts) 3NC, 1NO (four contacts) 4NC (four contacts) Non-lighted Lighted Two contacts (2NC) Three contacts (3NC) Four contacts (4NC) Two contacts (1NC + 1NO) Three contacts (2NC + 1NO) Four contacts (3NC + 1NO) One contact (1NC) Lock lever 3.9 3.9 9 11 31 35.9 36.3 (0.3) 3.9 Terminal (insertion) hole (0.3) 14 13 12 11 NO NC 14 13 12 11 24 23 22 21 NO NC NC NO 12 11 22 21 NC NC 14 13 32 31 NC NO 42 41 12 11 32 31 22 21 NC NC NC NC X1 X2 14 13 12 11 NC NO 14 13 12 11 24 23 22 21 NO NC NC NO X1 X2 14 13 12 11 32 31 22 21 NC NC NC NO X1 X2 42 41 12 11 32 31 22 21 NC NC NC NC X1 X2 |