công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A000066 bảng dữ liệu(PDF) 9 Page - List of Unclassifed Manufacturers

tên linh kiện A000066
Giải thích chi tiết về linh kiện  The Arduino UNO R3 is the perfect board to get familiar with electronics and coding.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

A000066 bảng dữ liệu(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button A000066 Datasheet HTML 5Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 6Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 7Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 8Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 9Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 10Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 11Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 12Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Arduino® UNO R3
9 / 13
Arduino® UNO R3
Modified: 26/08/2022
5.1 JANALOG
Pin
Function
Type
Description
1
NC
NC
Not connected
2
IOREF
IOREF
Reference for digital logic V - connected to 5V
3
Reset
Reset
Reset
4
+3V3
Power
+3V3 Power Rail
5
+5V
Power
+5V Power Rail
6
GND
Power
Ground
7
GND
Power
Ground
8
VIN
Power
Voltage Input
9
A0
Analog/GPIO
Analog input 0 /GPIO
10
A1
Analog/GPIO
Analog input 1 /GPIO
11
A2
Analog/GPIO
Analog input 2 /GPIO
12
A3
Analog/GPIO
Analog input 3 /GPIO
13
A4/SDA
Analog input/I2C
Analog input 4/I2C Data line
14
A5/SCL
Analog input/I2C
Analog input 5/I2C Clock line
5.2 JDIGITAL
Pin
Function
Type
Description
1
D0
Digital/GPIO
Digital pin 0/GPIO
2
D1
Digital/GPIO
Digital pin 1/GPIO
3
D2
Digital/GPIO
Digital pin 2/GPIO
4
D3
Digital/GPIO
Digital pin 3/GPIO
5
D4
Digital/GPIO
Digital pin 4/GPIO
6
D5
Digital/GPIO
Digital pin 5/GPIO
7
D6
Digital/GPIO
Digital pin 6/GPIO
8
D7
Digital/GPIO
Digital pin 7/GPIO
9
D8
Digital/GPIO
Digital pin 8/GPIO
10
D9
Digital/GPIO
Digital pin 9/GPIO
11
SS
Digital
SPI Chip Select
12
MOSI
Digital
SPI1 Main Out Secondary In
13
MISO
Digital
SPI Main In Secondary Out
14
SCK
Digital
SPI serial clock output
15
GND
Power
Ground
16
AREF
Digital
Analog reference voltage
17
A4/SD4
Digital
Analog input 4/I2C Data line (duplicated)
18
A5/SD5
Digital
Analog input 5/I2C Clock line (duplicated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com