công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A000066 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện A000066
Giải thích chi tiết về linh kiện  The Arduino UNO R3 is the perfect board to get familiar with electronics and coding.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

A000066 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  A000066 Datasheet HTML 1Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 2Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 3Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 4Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 5Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 6Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 7Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 8Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Arduino® UNO R3
2 / 13
Arduino® UNO R3
Modified: 26/08/2022
Features
ATMega328P Processor
Memory
AVR CPU at up to 16 MHz
32KB Flash
2KB SRAM
1KB EEPROM
Security
Power On Reset (POR)
Brown Out Detection (BOD)
Peripherals
2x 8-bit Timer/Counter with a dedicated period register and compare channels
1x 16-bit Timer/Counter with a dedicated period register, input capture and compare channels
1x USART with fractional baud rate generator and start-of-frame detection
1x controller/peripheral Serial Peripheral Interface (SPI)
1x Dual mode controller/peripheral I2C
1x Analog Comparator (AC) with a scalable reference input
Watchdog Timer with separate on-chip oscillator
Six PWM channels
Interrupt and wake-up on pin change
ATMega16U2 Processor
8-bit AVR® RISC-based microcontroller
Memory
16 KB ISP Flash
512B EEPROM
512B SRAM
debugWIRE interface for on-chip debugging and programming
Power
2.7-5.5 volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com