công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A000066 bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện A000066
Giải thích chi tiết về linh kiện  The Arduino UNO R3 is the perfect board to get familiar with electronics and coding.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

A000066 bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  A000066 Datasheet HTML 1Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 2Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 3Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 4Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 5Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 6Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 7Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 8Page - List of Unclassifed Manufacturers A000066 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Arduino® UNO R3
4 / 13
Arduino® UNO R3
Modified: 26/08/2022
1 The Board
1.1 Application Examples
The UNO board is the flagship product of Arduino. Regardless if you are new to the world of electronics or will use
the UNO as a tool for education purposes or industry-related tasks.
First entry to electronics: If this is your first project within coding and electronics, get started with our most used
and documented board; Arduino UNO. It is equipped with the well-known ATmega328P processor, 14 digital
input/output pins, 6 analog inputs, USB connections, ICSP header and reset button. This board includes everything
you will need for a great first experience with Arduino.
Industry-standard development board: Using the Arduino UNO board in industries, there are a range of
companies using the UNO board as the brain for their PLC’s.
Education purposes: Although the UNO board has been with us for about ten years, it is still widely used for
various education purposes and scientific projects. The board's high standard and top quality performance makes
it a great resource to capture real time from sensors and to trigger complex laboratory equipment to mention a
few examples.
1.2 Related Products
Starter Kit
Tinkerkit Braccio Robot
Example
2 Ratings
2.1 Recommended Operating Conditions
Symbol
Description
Min
Max
Conservative thermal limits for the whole board:
-40 °C (-40°F)
85 °C ( 185°F)
NOTE: In extreme temperatures, EEPROM, voltage regulator, and the crystal oscillator, might not
work as expected due to the extreme temperature conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com