| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BW250RAM bảng dữ liệu(PDF) 56 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW250RAM bảng dữ liệu(HTML) 56 Page - Fuji Electric |
|
56 / 93 page ![]() Fuji Electric FA Components & Systems Co., Ltd./D & C Catalog Information subject to change without notice 06/56 BW400 U-2P, 3P Mounting hole Trip button M6 or ø7 R2 or less 137 or more Insulation barrier Detachable Panel drilling 3-Pole (2-pole) Front panel cutting Note: 2-pole breaker is supplied in 3-pole frame with current carrying parts omitted from center pole. 44 88 56 135 56 140 25 60 52 MCCB 44 103 94.5 84 8 4 4 117.5 146 MCCB 44 L C L C L C L C L C L C L C M12 x 35 bolt Molded Case Circuit Breakers G-TWIN series Dimensions / Global n Dimensions, mm Front mounting, front connection BW630 U-3P 7 7 38.5 93 94.5 103 4 4 117.5 146 205 44 84 MCCB 70 M6 or ø7 207 or more R2 or less MCCB L C L C L C L C L C L C L C 52 70 70 210 70 38.5 Mounting hole Trip button M12 x 40 Hexagon head bolt Insulation barrier Detachable Panel drilling Front panel cutting |